Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2190F Datasheet(PDF) 2 Page - Rohm

Part # BU2190F
Description  Clock generator for PD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2190F Datasheet(HTML) 2 Page - Rohm

  BU2190F Datasheet HTML 1Page - Rohm BU2190F Datasheet HTML 2Page - Rohm BU2190F Datasheet HTML 3Page - Rohm BU2190F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Multimedia ICs
BU2190F
•Pin descriptions
Pin No.
1
Pin name
Function
Circuit
CLK2
Clock output 2 (f2 = 40.2192MHz)
Ground
Reference oscillation input
Reference oscillation output
Reference oscillation buffer output (fBCLK = 16.9344MHz)
Clock output 1 (f1 = 59.2704MHz)
VDD
2
B
GND
3
—
XTALI
4
C
XTALO
5
C
BCLK
6
B
CLK1
7
B
VDD
8
—
OE
A
Output enable
OE = H BCLK, CLK1, CLK2, enable
OE = L
BCLK, CLK1, disable, CLK2, enable
•Absolute maximum ratings (Ta = 25°C)
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
– 0.5 ~ + 7.0
–
0.5 ~ VDD + 0.5
–
30 ~ + 125
450
Unit
V
V
°C
mW
VDD
VIN
Tstg
PD
Applied voltage
Input voltage
Storage temperature
Power dissipation
∗ Does not represent guaranteed performance
∗ Reduced by 4.5mW for increase in Ta of 1°C over 25°C.
Not designed for radiation resistance.
Parameter
Symbol
Limits
4.5 ~ 5.5
0.8
× VDD ~ VDD
0.0 ~ 0.2
× VDD
– 5 ~ + 70
15 (Max.)
Unit
V
V
V
°C
pF
VDD
VIH
VIL
Topr
CL
Power supply voltage
Input high level voltage
Input low level voltage
Operating temperature
Output load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com