Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZ2.4B Datasheet(PDF) 2 Page - Rohm

Part # UDZ2.4B
Description  Zener diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZ2.4B Datasheet(HTML) 2 Page - Rohm

  UDZ2.4B Datasheet HTML 1Page - Rohm UDZ2.4B Datasheet HTML 2Page - Rohm UDZ2.4B Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UDZ Series
Diodes
!
!
!
!Electrical characteristics
(Ta=25
°C)
2.020
2.200
5
100
5
1000
0.5
120
0.5
2.220
2.410
5
100
5
1000
0.5
120
0.7
2.430
2.630
5
100
5
1000
0.5
120
1.0
2.690
2.910
5
110
5
1000
0.5
100
1.0
3.010
3.220
5
120
5
1000
0.5
50
1.0
3.320
3.530
5
120
5
1000
0.5
20
1.0
3.600
3.845
5
100
5
1000
1.0
10
1.0
3.890
4.160
5
100
5
1000
1.0
5
1.0
4.170
4.430
5
100
5
1000
1.0
5
1.0
4.550
4.750
5
100
5
800
0.5
2
1.0
4.980
5.200
5
80
5
500
0.5
2
1.5
5.490
5.730
5
60
5
200
0.5
1
2.5
6.060
6.330
5
60
5
100
0.5
1
3.0
Type
VZ
(V)
IZ
(mA)
IZ
(mA)
IZ
VR
(V)
6.650
6.930
5
40
5
60
0.5
0.5
3.5
7.280
7.600
5
30
5
60
0.5
0.5
4.0
8.020
8.360
5
30
5
60
0.5
0.5
5.0
8.850
9.230
5
30
5
60
0.5
0.5
6.0
9.770
10.210
5
30
5
60
0.5
0.1
7.0
10.760
11.220
5
30
5
60
0.5
0.1
8.0
11.740
12.240
5
30
5
80
0.5
0.1
9.0
12.910
13.490
5
37
5
80
0.5
0.1
10.0
14.340
14.980
5
42
5
80
0.5
0.1
11.0
15.850
16.510
5
50
5
80
0.5
0.1
12.0
17.560
18.350
5
65
5
80
0.5
0.1
13.0
19.520
20.390
5
85
5
100
0.5
0.1
15.0
21.540
22.470
5
100
5
100
0.5
0.1
17.0
23.720
24.780
5
120
5
120
0.5
0.1
26.190
27.530
5
150
5
150
0.5
0.1
21.0
29.190
30.690
5
200
5
200
0.5
0.1
23.0
32.150
33.790
5
250
5
250
0.5
0.1
25.0
35.070
36.870
5
300
5
300
0.5
0.1
27.0
UDZ 2.0B
UDZ 2.2B
UDZ 2.4B
UDZ 2.7B
UDZ 3.0B
UDZ 3.3B
UDZ 3.6B
UDZ 3.9B
UDZ 4.3B
UDZ 4.7B
UDZ 5.1B
UDZ 5.6B
UDZ 6.2B
UDZ 6.8B
UDZ 7.5B
UDZ 8.2B
UDZ 9.1B
UDZ 10B
UDZ 11B
UDZ 12B
UDZ 13B
UDZ 15B
UDZ 16B
UDZ 18B
UDZ 20B
UDZ 22B
UDZ 24B
UDZ 27B
UDZ 30B
UDZ 33B
UDZ 36B
19.0
ZZ
(
Ω)
Zzk
(
Ω)
IR
(
µA)
Min.
Max.
Max.
Max.
Max.
(mA)
Zener voltage subdivision
Operating
resistance
Rising operating
resistance
Reverse current
1. The Zener voltage (Vz) is measured 40 ms after power is supplied.
2. The operating resistances (Zz, Zzk) are measured by superimposing a minute alternating current on the regulated current (Iz).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com