Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-310 Datasheet(PDF) 1 Page - Rohm

Part # SML-310
Description  Standard Type Mini-molded chip LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-310 Datasheet(HTML) 1 Page - Rohm

  SML-310 Datasheet HTML 1Page - Rohm SML-310 Datasheet HTML 2Page - Rohm SML-310 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20
100
4
660
650
610
2.2
3.6
1.4
1.4
6.3
16
4
4
585
570
3.6
16
555
25
40
20
20
1.75
2.0
2.1
2.2
Transparent
Clear
SML-310PT
SML-310MT
SML-310YT
SML-310DT
SML-310VT
SML-310LT
SML-310PT
SML-310MT
SML-310YT
SML-310DT
SML-310VT
SML-310LT
Pure Green
Green
Yellow
Orange
Red
Red
60
25
55
20
60
75
4
-30 to +85
-40 to +85
*IFP measured under duty ≦1/ 5,pulse width ≦1ms.
SURFACE MOUNT LED LAMPS
■ External Dimensions(Unit:mm)
Standard Type Mini-molded chip LEDs
SML-310 Series
(Typ.)
■ Directivity
The recommended thickness of the screen mask
for soldering is between 100 and 200μm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
■ Packaging Spacifications(Unit:mm)
■ Recommemded Pad Layout
1608
(0603)
1.6x0.8
t=0.8
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
Tolerance:
±0.1
VR
(V)
∆λ
■ Absolute Maximum Ratings(Ta=25℃)
■ Electrical Optical Characteristics(Ta=25℃)
0.8
Feeding direction
2
4
φ1.5
1.1
1.0
φ13
φ60
φ180
Package Size
(mm)
Tape Spacifications:T86〈3,000pcs/reel〉
Reel Spacifications
Pure Green
GaAsP on Gap
Green
Yellow
Orange
Red
Relative brightness (
%)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
1.2
1.6
+0.2
0
1.0
Terminal
Cathode mark
(Unit:mm)
GaP
GaAlAs on GaAs
Y’
X’
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Stotage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
555nm
SML-310PT
570nm
SML-310MT
585nm
SML-310YT
610nm
SML-310DT
650nm
SML-310VT
660nm
SML-310LT


Similar Part No. - SML-310

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
SML-310 TAIYO-YUDEN-SML-310 Datasheet
610Kb / 8P
Wireless LAN and Bluetooth Module Evaluation Board
logo
Rohm
SML-310 ROHM-SML-310 Datasheet
92Kb / 5P
Small, chip LEDs
logo
List of Unclassifed Man...
SML-310DT ETC1-SML-310DT Datasheet
106Kb / 2P
LEDs, Surface Mount
logo
Rohm
SML-310DT ROHM-SML-310DT Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML-310DT ROHM-SML-310DT Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
More results

Similar Description - SML-310

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
Standard Type Mini-molded chip LEDs
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
Standard Type Mini-molded chip LEDs
SML-412 ROHM-SML-412 Datasheet
137Kb / 3P
High Brightness Type Mini-molded chip LEDs
SML31 ROHM-SML31 Datasheet
221Kb / 3P
High Brightness Type Mini-molded chip LEDs
SML-510 ROHM-SML-510 Datasheet
253Kb / 3P
Standard Type Mini-molded chip LEDs
SML-210X ROHM-SML-210X Datasheet
881Kb / 3P
Mini-molded chip LEDs
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310MTT86 ROHM-SML-310MTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com