Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD2115 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # CD2115
Description  InsulKrimp??Star Ring Tongue Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CD2115 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  CD2115 Datasheet HTML 1Page - Molex Electronics Ltd. CD2115 Datasheet HTML 2Page - Molex Electronics Ltd. CD2115 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190750018
Status:
Active
Description:
InsulKrimp™ Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10, Mylar
Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19075
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
10 (M5)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
4.45mm (.175")
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.60
Material Info
Old Part Number
SRB-229-10XT
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
CD2115
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19075Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880135
Mini-Mac™
Applicator for
Insulkrimp™ and
0638852900


Similar Part No. - CD2115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CD2115 MOLEX4-CD2115 Datasheet
87Kb / 2P
InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire
More results

Similar Description - CD2115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190750016 MOLEX4-0190750016 Datasheet
88Kb / 3P
InsulKrimp??Star Ring Tongue Terminal for 14-16 AWG Wire
0190750012 MOLEX4-0190750012 Datasheet
87Kb / 3P
InsulKrimp??Steel Star Ring Tongue Terminal
0190750009 MOLEX4-0190750009 Datasheet
87Kb / 2P
InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire
0190740009 MOLEX4-0190740009 Datasheet
85Kb / 2P
Krimptite??Steel Star Ring Tongue Terminal
0190540097 MOLEX4-0190540097 Datasheet
126Kb / 2P
InsulKrimp??Ring Tongue Terminal
0190740015 MOLEX4-0190740015 Datasheet
79Kb / 2P
Krimptite??Star Ring Tongue Terminal
0190770010 MOLEX4-0190770010 Datasheet
111Kb / 3P
Avikrimp??Steel Star Ring Tongue Terminal
0190770008 MOLEX4-0190770008 Datasheet
108Kb / 3P
Avikrimp??Star Ring Tongue Terminal
0190540098 MOLEX4-0190540098 Datasheet
126Kb / 2P
InsulKrimp??Ring Tongue Terminal
0190750013 MOLEX4-0190750013 Datasheet
87Kb / 2P
InsulKrimp??Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com