Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5C01A Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RF5C01A
Description  REAL-TIME CLOCK WITH INTERNAL RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RF5C01A Datasheet(HTML) 2 Page - RICOH electronics devices division

  RF5C01A Datasheet HTML 1Page - RICOH electronics devices division RF5C01A Datasheet HTML 2Page - RICOH electronics devices division RF5C01A Datasheet HTML 3Page - RICOH electronics devices division RF5C01A Datasheet HTML 4Page - RICOH electronics devices division RF5C01A Datasheet HTML 5Page - RICOH electronics devices division RF5C01A Datasheet HTML 6Page - RICOH electronics devices division RF5C01A Datasheet HTML 7Page - RICOH electronics devices division RF5C01A Datasheet HTML 8Page - RICOH electronics devices division RF5C01A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RP/RF5C01A
2
PIN CONFIGURATIONS
CS
CS
ADJ
A0
A1
A2
A3
RD
GND
18
17
16
15
14
13
12
11
10
Vcc
OSCOUT
OSCIN
ALARM
D3
D2
D1
D0
WR
1
2
3
4
5
6
7
8
9
CS
CS
ADJ
A0
A1
A2
A3
RD
GND
18
17
16
15
14
13
12
11
10
Vcc
OSCOUT
OSCIN
ALARM
D3
D2
D1
D0
WR
1
2
3
4
5
6
7
8
9
•
RP5C01A
•
RF5C01A
PIN DESCRIPTION
Pin No.
Symbol
Function
1,2
CS,CS
The CS and CS are used to interface with external devices. Enabled when CS =“H” and
CS=“L”. The CS is connected to the power down detector in the system power supply
while the CS is connected to the microcomputer.
3
ADJ
The ADJ can easily correct seconds without using the CPU. When this pin is set to “H” the
second digits ranging from 00 to 29 are set to 0, the second digits ranging from 30 to 59 are
set to 0 and minute digits are incremented by 1.
4,5,6,7
A0 to A3
Input pin for the address signal. These pins are connected to the CPU address bus.
8
RD
Input pin for I/O control. The RD is set to “L” when data is transferred from the
RP/RF5C01A to the CPU.
9
GND
Ground pin for the power supply of 0V.
10
WR
Input pin for I/O control. The WR is set to “L” when data is transferred from the CPU to
the RP/RF5C01A.
11,12,13,14
D0 to D3
Bidirectional data bus. Connected to the data bus of the CPU.
15
ALARM
The ALARM pin outputs alarm signals and 16Hz and 1Hz clock pulses.
This pin is an open drain output.
16,17
OSCIN,OSCOUT
The OSCIN and OSCOUT are connected to the crystal oscillator of 32.768kHz
18
VCC
Input pin for the power supply of +5V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com