Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3130N30EC Datasheet(PDF) 16 Page - RICOH electronics devices division

Part # R3130N30EC
Description  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3130N30EC Datasheet(HTML) 16 Page - RICOH electronics devices division

Back Button R3130N30EC Datasheet HTML 12Page - RICOH electronics devices division R3130N30EC Datasheet HTML 13Page - RICOH electronics devices division R3130N30EC Datasheet HTML 14Page - RICOH electronics devices division R3130N30EC Datasheet HTML 15Page - RICOH electronics devices division R3130N30EC Datasheet HTML 16Page - RICOH electronics devices division R3130N30EC Datasheet HTML 17Page - RICOH electronics devices division R3130N30EC Datasheet HTML 18Page - RICOH electronics devices division R3130N30EC Datasheet HTML 19Page - RICOH electronics devices division R3130N30EC Datasheet HTML 20Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
15
Topt=25°C
“H” Output Voltage
“L” Output Voltage
Minimum Op-
erating Voltage
Output Delay Time
Detector Threshold
Temperature Coefficient
VOH (V)
VOL (V)
VDDL (V)
Tdelay (ms)
∆∆∆∆VDET/∆∆∆∆Topt
(pm/°C)
Condition
MIN.
TYP.
Condition
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
Condition
TYP.
VDD=VDET
+0.1V
IOH=
-150µA
0.80×
VDD
0.95×
VDD
VDD=VDET
+0.1V
IOH=
-500µA
0.80×
VDD
0.93×
VDD
VDD=VDET
-0.1V,
IOL=1.2mA
0.16
0.30
VDD=VDET
+0.1V
IOH=
-800µA
0.80×
VDD
0.95×
VDD
VDD=VDET
-0.1V,
IOL=3.2mA
0.18
0.40
*1
0.75
*1
1.00
216
240
264
-40°C
≤ Topt ≤
85°C
±100
*1
describes VDD Voltage when Output Voltage becomes equal or less than 0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com