Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9103APA Datasheet(PDF) 2 Page - Sames

Part # PM9103APA
Description  SINGLE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9103APA Datasheet(HTML) 2 Page - Sames

  PM9103APA Datasheet HTML 1Page - Sames PM9103APA Datasheet HTML 2Page - Sames PM9103APA Datasheet HTML 3Page - Sames PM9103APA Datasheet HTML 4Page - Sames PM9103APA Datasheet HTML 5Page - Sames PM9103APA Datasheet HTML 6Page - Sames PM9103APA Datasheet HTML 7Page - Sames PM9103APA Datasheet HTML 8Page - Sames PM9103APA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PM9103AP
sames
2/10
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Note 1)
V
AC
540
V
Current Sense Input (Note 1)
V
IV
-2.5
+2.5
V
Storage Temperature
T
STG
-25
+125
°C
Operating Temperature
T
O
-10
+70 (Note 2)
°C
Max Current
I
MAX
800 (Note 3)
A
through Sensor
I
MAX
2000 (Note 4)
A
Note 1: Voltages are specified with reference to Live.
Note 2: The SA9103 and SA9603C integrated circuits are specified to operate over the
temperature range -10°C to +70°C. The module functionality will however
depend upon the external components used.
Note 3: t = 500ms
Note 4: t = 1ms
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
BLOCK DIAGRAM
SA9103
SA9603
POWER
METER
OPTO
COUPLER
SHUNT
POWER
SUPPLY
IN
OUT
NEUTRAL
NEUTRAL
NEUTRAL
LIVE
VOLTAGE SENSE
DR-01448
OPTO
COUPLER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com