| Electronic Components Datasheet Search |
|
PM9105AFE Datasheet(PDF) 1 Page - Sames |
|
|
|||||||||||||||||||||||||||||
PM9105AFE Datasheet(HTML) 1 Page - Sames |
|
1 / 10 page ![]() sames THREE PHASE POWER/ENERGY METERING MODULE PULSE OUTPUT 1/10 4310 PDS038-SA9105-001 Rev. B 13-09-95 FEATURES n Performs one, two or three phase power and energy measurement n Meets the accuracy requirements for Class 1 AC Watt hour meters n Operates over a wide Temperature Range n Uses current transformers for current sensing n Three pulse rate outputs available n Protected agianst ESD SA9105 APPLICATION NOTE PM9105AF DESCRIPTION The SAMES three phase power/energy metering module, the PM9105AF provides three pulse rate output options, the frequency of which are proportional to the active power consumption. Energy consumption can be determined by the power measurement being integrated over time. The method of calculation takes the power factor into account. The output of this innovative universal three phase power/energy metering circuit is ideally suited for energy calculations in applications using a µ-controller or mechanical counter. The application utilises the SAMES SA9105AF, SA9105EF or SA9105FF three phase power metering integrated circuits for power measurement. |
Similar Part No. - PM9105AFE |
|
Similar Description - PM9105AFE |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |