Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9105AP Datasheet(PDF) 8 Page - Sames

Part # PM9105AP
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9105AP Datasheet(HTML) 8 Page - Sames

Back Button PM9105AP Datasheet HTML 2Page - Sames PM9105AP Datasheet HTML 3Page - Sames PM9105AP Datasheet HTML 4Page - Sames PM9105AP Datasheet HTML 5Page - Sames PM9105AP Datasheet HTML 6Page - Sames PM9105AP Datasheet HTML 7Page - Sames PM9105AP Datasheet HTML 8Page - Sames PM9105AP Datasheet HTML 9Page - Sames PM9105AP Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PM9105AP
sames
8/10
Parts List for Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
SA9105APA/SA9105EPA/SA9105FPA
DIP-40
2
XTAL
Crystal, 3.5795 MHz
TV Crystal
3
R1
Resistor, 1%, ¼W, Metal
Note 4
4
R1A
Resistor, 1%, ¼W, Metal
Note 4
5
R2
Resistor, 1%, ¼W, Metal
Note 4
6
R2A
Resistor, 1%, ¼W, Metal
Note 4
7
R3
Resistor, 1%, ¼W, Metal
Note 4
8
R3A
Resistor, 1%, ¼W, Metal
Note 4
9
R4
Resistor, 24k, 1%, ¼W, Metal
10
R5
Resistor, 22k, 1%, ¼W, Metal
11
R6
Resistor, 22k, 1%, ¼W, Metal
12
R7
Resistor, 820
Ω, 1%, ¼W, Metal
13
R8
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
14
R9
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
15
R10
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
16
R11
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
17
R12
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
18
R13
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
19
R14
Resistor, 22k, 1%, ¼W, Metal
20
R15
Resistor, 1M, 1%, ¼W, Metal
21
R16
Resistor, 1M, 1%, ¼W, Metal
22
R17
Resistor, 1M, 1%, ¼W, Metal
23
R18
Resistor, 2.7
Ω, 1%, ¼W, Metal
Note 1
24
R19
Resistor, 2.7
Ω, 1%, ¼W, Metal
Note 1
25
R20
Resistor, 2.7
Ω, 1%, ¼W, Metal
Note 1
26
R21
Resistor, 820
Ω, 1%, ¼W, Metal
27
P5
Potentiometer, 4.7k
Multi turn
28
P6
Potentiometer, 4.7k
Multi turn
29
P14
Potentiometer, 4.7k
Multi turn
30
C1
Capacitor, electrolytic, 1µF, 16V
Note 2
31
C2
Capacitor, electrolytic, 1µF, 16V
Note 2
32
C3
Capacitor, electrolytic, 1µF, 16V
Note 2
33
C4
Capacitor, ceramic, 3.3nF
34
C5
Capacitor, ceramic, 3.3nF
35
C6
Capacitor, ceramic, 3.3nF
36
C7
Capacitor, ceramic, 2.2nF
37
C8
Capacitor, ceramic, 3.3nF
38
C9
Capacitor, ceramic, 560pF
39
C10
Capacitor, ceramic, 560pF
40
C11
Capacitor, ceramic, 560pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com