Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9603APE Datasheet(PDF) 5 Page - Sames

Part # PM9603APE
Description  SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9603APE Datasheet(HTML) 5 Page - Sames

  PM9603APE Datasheet HTML 1Page - Sames PM9603APE Datasheet HTML 2Page - Sames PM9603APE Datasheet HTML 3Page - Sames PM9603APE Datasheet HTML 4Page - Sames PM9603APE Datasheet HTML 5Page - Sames PM9603APE Datasheet HTML 6Page - Sames PM9603APE Datasheet HTML 7Page - Sames PM9603APE Datasheet HTML 8Page - Sames PM9603APE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PM9603AP
sames
5/18
The current sense input requires a differential approach to cater for precision across
the dynamic range. It is therefore important that the PC board layout of the branches
to the sensing element, are as symmetrical as possible and the loop area is kept to
a minimum.
The most important external components for the SA9603B integrated circuit are:
R
2, R1 and RSH are the resistors defining the current level into the current sense input.
The values should be selected for an input current of 16µA
RMS into the SA9603B at
rated line current.
Values for RSH of less than 200µ
Ω should be avoided.
R
1 = R2 = (IL/16µARMS) * RSH/2
Where
I
L
=
Line current
RSH =
Shunt resistor/termination resistor
R
3, R6 and R4 set
the current for the voltage sense input. The values should be
selected so that the input current into the voltage sense input (virtual ground) is set
to 14µA
RMS.
R
7 defines all on-chip bias and reference currents.
With R
7 = 24kΩ, optimum
conditions are set.
XTAL is a colour burst TV crystal (f = 3.5795MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897MHz on-chip and supplies the A/D converters
and the digital circuitry.
7. Demonstration Software
Software which runs under Windows 3.1 and Windows 95 is provided with each
evaluation module. See README.TXT on the diskette supplied for the installation
instructions.
8. Sample C source code
The following software demonstrates how to synchronize the reading of the registers
to the SA9603B's internal offset cancellation scheme. The software is also available
on the SAMES Internet web pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com