Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM9604APE Datasheet(PDF) 10 Page - Sames

Part # PM9604APE
Description  THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9604APE Datasheet(HTML) 10 Page - Sames

Back Button PM9604APE Datasheet HTML 6Page - Sames PM9604APE Datasheet HTML 7Page - Sames PM9604APE Datasheet HTML 8Page - Sames PM9604APE Datasheet HTML 9Page - Sames PM9604APE Datasheet HTML 10Page - Sames PM9604APE Datasheet HTML 11Page - Sames PM9604APE Datasheet HTML 12Page - Sames PM9604APE Datasheet HTML 13Page - Sames PM9604APE Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PM9604/5AP
10/14
sames
Parts List for Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
SA9604AP / SA9605AP
DIP-20
2
XTAL
Crystal, 3.5795 MHz
TV Crystal
3
R1A
Resistor, 1%, ¼W, Metal
Note 4
4
R1B
Resistor, 1%, ¼W, Metal
Note 4
5
R2A
Resistor, 1%, ¼W, Metal
Note 4
6
R2B
Resistor, 1%, ¼W, Metal
Note 4
7
R3A
Resistor, 1%, ¼W, Metal
Note 4
8
R3B
Resistor, 1%, ¼W, Metal
Note 4
9
R4
Resistor, 24k, 1%, ¼W, Metal
10
R5
Resistor, 22k, 1%, ¼W, Metal
11
R6
Resistor, 22k, 1%, ¼W, Metal
12
R7A
Resistor, 44k, 1%, ¼W, Metal
13
R7B
Resistor, 44k, 1%, ¼W, Metal
14
R8
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
15
R9
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
16
R10
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
17
R11
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
18
R12
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
19
R13
Resistor, 2.7k, 1%, ¼W, Metal
Note 1
20
R14
Resistor, 1M, 1%, ¼W, Metal
21
R15
Resistor, 1M, 1%, ¼W, Metal
22
R16
Resistor, 1M, 1%, ¼W, Metal
23
R17
Resistor, 2.7
Ω, 1%, ¼W, Metal
Note 1
24
R18
Resistor, 2.7
Ω, 1%, ¼W, Metal
Note 1
25
R19
Resistor, 2.7
Ω, 1%, ¼W, Metal
Note 1
27
T5
Potentiometer, 4.7k
Multi turn. Note 5
28
T6
Potentiometer, 4.7k
Multi turn. Note 5
29
T7
Potentiometer, 10k
Multi turn. Note 5
30
C1
Capacitor, electrolytic, 1µF, 16V
Note 2
31
C2
Capacitor, electrolytic, 1µF, 16V
Note 2
32
C3
Capacitor, electrolytic, 1µF, 16V
Note 2
33
R20
Resistor, 470
Ω, 2W
34
R21
Resistor, 470
Ω, 2W
35
R22
Resistor, 470
Ω, 2W
36
R23
Resistor, 680
Ω, 1% ¼W, Metal
37
R24
Resistor, 680
Ω, 1% ¼W, Metal
38
R25
Resistor, 2.4k, 1% ¼W, Metal
39
R26
Resistor, 2.4k, 1% ¼W, Metal
40
R27
Resistor, 2.4k, 1% ¼W, Metal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com