Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005F Datasheet(PDF) 5 Page - Sames

Part # SA2005F
Description  Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005F Datasheet(HTML) 5 Page - Sames

  SA2005F Datasheet HTML 1Page - Sames SA2005F Datasheet HTML 2Page - Sames SA2005F Datasheet HTML 3Page - Sames SA2005F Datasheet HTML 4Page - Sames SA2005F Datasheet HTML 5Page - Sames SA2005F Datasheet HTML 6Page - Sames SA2005F Datasheet HTML 7Page - Sames SA2005F Datasheet HTML 8Page - Sames SA2005F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
sames
sames
SA2005F
http://www.sames.co.za
Voltage Sense Inputs (IVN1, IVN2, IVN3)
The current into the voltage sense inputs (virtual ground)
should be set to 14µA
at rated voltage conditions. The
RMS
individual mains voltages are divided down to 14V
per
RMS
phase. The resistors R8, R9 and R10 set the current for the
voltage sense inputs. The voltage sense inputs saturate at an
input current of ±25µA peak.
Pulse Programming Inputs (PGM0, PGM1)
The pulse programming inputs PGM1 and PGM0 define the
representation of energy measured by the device on FOUT.
The table below shows the difference between the various
modes.
DIR as a logic 1. The DIR pin may be used to drive a LED in
order to indicate reverse energy flow.
Frequency Output (FOUT)
The sum of the measured power, from the three phases
produce a pulse rate of 64Hz or 1160Hz (mode 3), at rated
conditions on FOUT. The format of the pulse output signal,
which provides power/energy and direction information is
shown in figure 4. Refer to Pulse Programming Inputs for pulse
widths.
The following equation may be used for calculating the output
frequency:
f = 11.16 x FOUTX x ((I x I )+(I x I )+(I x I )) / 3 x I
I1
V1
I2
V2
I3
V3
R
Where:
FOUTX = Nominal rated frequency (64Hz/1160Hz)
I , I , I = Input currents for current sensor inputs (16µA at rated
I1
I2
I3
line current)
I , I , I
= Input currents for voltage sensor inputs (14µA at
V1
V2
V3
rated line voltage)
I = Reference current (typically 50µA)
R
An integrated anti-creep function ensures that no pulses are
generated at zero line currents.
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
The SA2005F integrated circuit's inputs/outputs are protected
against ESD.
POWER CONSUMPTION
The overall power consumption rating of the SA2005F
integrated circuit is less than 50 mW with a 5V supply.
Figure 4: FOUT options
Note: Frequency of pulse rate in MODE 3 is 18 times higher than other modes
Mode PGM1 PGM0
Frequency
at rated
conditions
Forward
Pulse
Width
Reverse
Pulse
Width
0
1
2
3
0
0
1
1
0
1
0
1
64Hz
64Hz
64Hz
1160Hz
1.14ms
1.14ms
1.14ms
71µs
3.4ms
1.14ms
1.14ms
71µs
Test Inputs (TCLK, TEST)
The TEST and TCLK inputs are manufacturers test pins and
must be connected to VSS in a metering application.
OUTPUT SIGNALS
Direction Indication (DIRO)
The SA2005F indicates the measured energy flow direction on
pin DIR. A logic 0 on pin DIR indicates reverse energy flow.
Reverse energy flow is defined as the condition where the
voltage sense input and current sense input are out of phase
(greater than 90 degrees). Positive energy flow, when voltage
sense and current sense input are in phase, is indicated on pin
MODE 0
FOUT
MODE1
FOUT
MODE2
FOUT
MODE3
FOUT
DIR
DR-01582



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com