Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005 Datasheet(PDF) 14 Page - Sames

Part # SA2005
Description  Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005 Datasheet(HTML) 14 Page - Sames

Back Button SA2005 Datasheet HTML 8Page - Sames SA2005 Datasheet HTML 9Page - Sames SA2005 Datasheet HTML 10Page - Sames SA2005 Datasheet HTML 11Page - Sames SA2005 Datasheet HTML 12Page - Sames SA2005 Datasheet HTML 13Page - Sames SA2005 Datasheet HTML 14Page - Sames SA2005 Datasheet HTML 15Page - Sames SA2005 Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14/16
sames
sames
SA2005P
http://www.sames.co.za
Parts List for Application Circuit: Figure 7
Note 1: Resistor (R1 to R6) values are dependent on the selection of the termination resistors (R29 to R31) and CT combination
Note 2: Capacitor values may be selected to compensate for phase errors caused by the current transformers.
Note 3: Capacitor C6 to be positioned as close as possible to supply pins V
and V
of U1 as possible.
DD
SS
U1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
R26
R27
R28
R29
R30
R31
C1
C2
C3
C4
C5
C6
D1
D2
D3
D4
D5
D6
U2
CNT1
CT1
CT2
CT3
Symbol
Description
SA2005P
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1M, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 100k, 1/4W, 1%, metal
Resistor, 100k, 1/4W, 1%, metal
Resistor, 100k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Resistor, 2.7 , 1/4W, 1%, metal
Resistor, 2.7 , 1/4W, 1%, metal
Resistor, 2.7 , 1/4W, 1%, metal
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 1.5µF, 16V, electrolytic
Capacitor, 1.5µF, 16V, electrolytic
Capacitor, 1.5µF, 16V, electrolytic
Capacitor, 820nF
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
24C01A, 1kbit EEPROM
Mechanical stepper motor counter
Current Transformer, TZ76
Current Transformer, TZ76
Current Transformer, TZ76
W
W
W
Detail
DIP-24 / SOIC-24
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 2
Note 2
Note 2
Note 3
Direction indicator
V1 Fail indicator
Direction indicator
V2 Fail indicator
Direction indicator
V3 Fail indicator
2500:1
2500:1
2500:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com