Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2532P Datasheet(PDF) 19 Page - Sames

Part # SA2532P
Description  ONE MEMORY SINGLE CHIP TELEPHONE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532P Datasheet(HTML) 19 Page - Sames

Back Button SA2532P Datasheet HTML 13Page - Sames SA2532P Datasheet HTML 14Page - Sames SA2532P Datasheet HTML 15Page - Sames SA2532P Datasheet HTML 16Page - Sames SA2532P Datasheet HTML 17Page - Sames SA2532P Datasheet HTML 18Page - Sames SA2532P Datasheet HTML 19Page - Sames SA2532P Datasheet HTML 20Page - Sames SA2532P Datasheet HTML 21Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
SA2532P
19 /21
sames
sames
sames
sames
Test Circuit
Figure 5
FCI
21
LS
RI
STB
LI
CS
VSS
CI
HS/DPN
OSC
MODE
LLC
M2
M1
RO1
RO2
GND
C1
C2
C3
C4
R1
R2
R3
R4
RR
MO
VDD
1
28
6
27
25
26
7
10
11
22
9
4
8
12
17
18
19
20
13
14
15
16
5
2
3
24
23
10u
680n
300
6k
30
600
Iline
UL
B
A
3.58MHz
10u
300
1k
22u
5V6
SA2532P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com