Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA541 Datasheet(PDF) 3 Page - Sames

Part # SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA541 Datasheet(HTML) 3 Page - Sames

  SA541 Datasheet HTML 1Page - Sames SA541 Datasheet HTML 2Page - Sames SA541 Datasheet HTML 3Page - Sames SA541 Datasheet HTML 4Page - Sames SA541 Datasheet HTML 5Page - Sames SA541 Datasheet HTML 6Page - Sames SA541 Datasheet HTML 7Page - Sames SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SA541
sames
3/16
Condition
Min
Typ
Max
Unit
Notes
Supply voltage:
on-hook
1,8
5,7
V
For memory retention
off-hook
2,4
5,7
V
Hookswitch input: on-hook
0,2 V
DD
off-hook
0,8 V
DD
Supply Current:
on-hook
SA5413
<0.2
5
µA
V
DD = 2.5V
SA5416
<0.2
1
µA
V
DD = 2.5V
Sa5419
<0.2
1
µA
V
DD = 3.0V
off-hook
1,5
µA
If MF OUT is low
MF tone sending
1,0
mA
LD impulsing
200
µA
Output High Voltage
2,2
V
I = -1mA
(MASK, MUTE and IMP Outputs)
Output Low Voltage
0,3
V
I = +1mA
(MASK, MUTE and IMP Outputs)
MF OUT d.c. Level During Tone Sending
0,9V
DD
V
MF OUT Output Resistance
3
k
'Key Pressed' Resistance
2
k
2,5V<V
DD<5,7V
'Key Not Pressed' Resistance
500
k
2,5V<V
DD<5,7V
Darlington Pair Current Gain
600
50,000
I
e=100µA,Vce=2V
DC ELECTRICAL CHARACTERISTICS
(V
DD = 2,5V at 25°C, unless otherwise specified)
AC ELECTRICAL CHARACTERISTICS
(V
DD = 2,5V at 25°C, unless otherwise specified)
Condition
Min
Typ
Max
Unit
Notes
Oscillating Frequency
560
kHz
Tone Output: Low Group
68
77
mVrms
No Load
High Group
97
109
mVrms
No Load
High-to-Low Group Amplitude Ratio
1,5
2
2,5
dB
At MF Out
Total harmonic Distortion: 0-4KHz
1,5
%
0-10KHz
2,5
%
0-50KHz
5,0
%
0-200KHz
6,5
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com