Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2532US Datasheet(PDF) 16 Page - Sames

Part # SA2532US
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532US Datasheet(HTML) 16 Page - Sames

Back Button SA2532US Datasheet HTML 12Page - Sames SA2532US Datasheet HTML 13Page - Sames SA2532US Datasheet HTML 14Page - Sames SA2532US Datasheet HTML 15Page - Sames SA2532US Datasheet HTML 16Page - Sames SA2532US Datasheet HTML 17Page - Sames SA2532US Datasheet HTML 18Page - Sames SA2532US Datasheet HTML 19Page - Sames SA2532US Datasheet HTML 20Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16/22
SA2532
sames
AC Characteristics (cont’d) (I
LINE = 15 mA;f=800Hz unless otherwise specified)
Symbol Parameter
Conditions
Min
Typ
Max Units
RX
Receive
Test Circuit Fig.5
A
RX
Receive Gain (RO1/RO2) Z
RL=600Ω
12
3
dB
Z
RL=1000Ω
-0.2
∆A
RX/F
Variation with Frequency
f=500 Hz to 3.4 kHz
±0.8
dB
THD
Distortion
V
RI≤0.5VRMS
2%
V
AGC
Soft Clip Level
V
RI=1
V
PEAK
A
SCO
Soft Clip Overdrive
10
dB
t
ATTACT
Attact Time
V
RI>0.8V
30
µs/6dB
t
DECAY
Decay Time
20
ms/6dB
V
NO
Noise Output Voltage
-72
dBmp
V
FC
Unwanted Frequency
50 Hz...20 kHz
-60
dBm
Components
Z
IN
Input Impedance (RI)
8
k
Ω
V
IN RI
Input Voltage Range(RI)
±2
V
PEAK
ST
Sidetone
Test Circuit Fig.5
A
ST
Sidetone Cancellation
V
RI≤0.5VRMS
26
dB
V
IN ST
Input Voltage Range (STB)
±2
V
PEAK
Z
IN
Input Impedance (STB)
80
k
Ω
Keyboard
t
D
Key Debounce Time
15
ms
HS Input
t
HS-L
Low to High Debounce
Going off-hook
15
ms
t
HS-H
High to Low Debounce
Line breaks/on-hook
240
ms
DTMF
∆ F
Frequency deviation
Note 5
-.679
+.533
%
V
MF
MF Tone Level(Low group) Optionally
-12.5
-11
-9.5
dB
-9.5
-8
-6.5
dB
V
L-H
Preemphasis Low to High
2.0
2.6
3.0
dB
THD
Distortion
Note 3
-30
dBr
t
TD
Tone Duration
Note 1
80
82.3
85
ms
t
ITP
Inter Tone Pause
80
82.3
85
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com