Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8807A Datasheet(PDF) 4 Page - Sames

Part # SA8807A
Description  96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8807A Datasheet(HTML) 4 Page - Sames

  SA8807A Datasheet HTML 1Page - Sames SA8807A Datasheet HTML 2Page - Sames SA8807A Datasheet HTML 3Page - Sames SA8807A Datasheet HTML 4Page - Sames SA8807A Datasheet HTML 5Page - Sames SA8807A Datasheet HTML 6Page - Sames SA8807A Datasheet HTML 7Page - Sames SA8807A Datasheet HTML 8Page - Sames SA8807A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA8807A
4/14
sames
SERIAL INTERFACE TIMING
Limits (All Types)
Characteristic
V
DD = 3.3V
V
DD = 5V
Unit
Min
Max
Min
Max
1
Chip Enable set-up time
200
100
ns
2
Chip Enable clock hold time
250
125
ns
3
Clock width high
400
200
ns
4
Clock width low
400
200
ns
5
Data In to clock set-up time
200
100
ns
6
Clock to Data propagation delay
200
100
ns
7
Chip Disable to output high Z
200
100
ns
8
Data In after clock hold time
200
100
ns
Ref
No
DR-00846
SCK
CE
MIS0
5. 00
6
5. 00
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com