Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9103E Datasheet(PDF) 4 Page - Sames

Part # SA9103E
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103E Datasheet(HTML) 4 Page - Sames

  SA9103E Datasheet HTML 1Page - Sames SA9103E Datasheet HTML 2Page - Sames SA9103E Datasheet HTML 3Page - Sames SA9103E Datasheet HTML 4Page - Sames SA9103E Datasheet HTML 5Page - Sames SA9103E Datasheet HTML 6Page - Sames SA9103E Datasheet HTML 7Page - Sames SA9103E Datasheet HTML 8Page - Sames SA9103E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA9103E
sames
4/14
PIN DESCRIPTION
Pin
Designation
Description
20
GND
Ground
8
V
DD
Positive Supply Voltage
14
V
SS
Negative Supply Voltage
19
IVP
Analog input for Voltage
1
IIN
Inputs for current sensor
2
IIP
11
OSC1
Connections for crystal or ceramic resonator
10
OSC2
(OSC1 = Input ; OSC2 = Output)
12
SOUT
Serial Interface Out
13
SIN
Serial Interface In
4
CPON
Connections for outer loop capacitors of
5
CPOP
A/D converter (Voltage)
6
CPIN
Connections for inner loop capacitors of
7
CPIP
A/D converter (Voltage)
15
CIP
Connections for inner loop capacitors of
16
CIN
A/D converter (Current)
17
COP
Connections for outer loop capacitors of
18
CON
A/D converter (Current)
3
VREF
Connection for current setting resistor
9
TP9
Test Pin. Connect to V
SS
FUNCTIONAL DESCRIPTION
The SA9103E is a CMOS mixed signal Analog/Digital integrated circuit, which performs
power/energy calculations across a power range of 1000:1, to an overall accurancy of
better than Class 1.
The integrated circuit includes of all the required functions for 1-phase power and energy
measurement, such as two oversampling A/D converters for the voltage and current
sense inputs, power calculation and energy integration. Internal offsets are eliminated
through the use of cancellation procedures. The SA9103E integrates the measured
active power consumption into a 22 bit integrator, which is accessable via a serial port
having a RS232 protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com