Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9105A Datasheet(PDF) 10 Page - Sames

Part # SA9105A
Description  THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105A Datasheet(HTML) 10 Page - Sames

Back Button SA9105A Datasheet HTML 4Page - Sames SA9105A Datasheet HTML 5Page - Sames SA9105A Datasheet HTML 6Page - Sames SA9105A Datasheet HTML 7Page - Sames SA9105A Datasheet HTML 8Page - Sames SA9105A Datasheet HTML 9Page - Sames SA9105A Datasheet HTML 10Page - Sames SA9105A Datasheet HTML 11Page - Sames SA9105A Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SA9105A
sames
10/12
Parts List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
Integrated SA9105A
DIP-40/PLCC-44
2
XTAL
Crystal, 3.5795 MHz
Colour burst TV
3
R1
Resistor, 200k, 1%, ¼W
4
R1A
Resistor, 180k, 1%, ¼W
5
R2
Resistor, 200k, 1%, ¼W
6
R2A
Resistor, 200k, 1%, ¼W
7
R3
Resistor, 200k, 1% , ¼W
8
R3A
Resistor, 180k, 1%, ¼W
9
R4
Resistor, 24k, 1%, ¼W
10
R5
Resistor, 22k, 1%, ¼W
11
R6
Resistor, 22k, 1%, ¼W
12
R7
Resistor, 820
Ω, 1%, ¼W
13
R8
Resistor
Note 1
14
R9
Resistor
Note 1
15
R10
Resistor
Note 1
16
R11
Resistor
Note 1
17
R12
Resistor
Note 1
18
R13
Resistor
Note 1
19
R14
Resistor, 22k, 1%, ¼W
20
R15
Resistor, 1M, 1%, ¼W
21
R16
Resistor, 1M, 1%, ¼W
22
R17
Resistor, 1M, 1%, ¼W
23
R18
Resistor
Note 1
24
R19
Resistor
Note 1
25
R20
Resistor
Note 1
26
R21
Resistor, 820
Ω, 1%, ¼W
27
P5
Potentiometer, 4.7k
Multi turn
28
P6
Potentiometer, 4.7k
Multi turn
29
P14
Potentiometer, 4.7k
Multi turn
30
C1
Capacitor, electrolytic, 1µF, 16V
Note 2
31
C2
Capacitor, electrolytic, 1µF, 16V
Note 2
32
C3
Capacitor, electrolytic, 1µF, 16V
Note 2
33
C4
Capacitor, 3.3nF
34
C5
Capacitor, 3.3nF
35
C6
Capacitor, 3.3nF
36
C7
Capacitor, 2.2nF
37
C8
Capacitor, 3.3nF
38
C9
Capacitor, 560pF
39
C10
Capacitor, 560pF
40
C11
Capacitor, 560pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com