Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9103ESA Datasheet(PDF) 7 Page - Sames

Part # SA9103ESA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103ESA Datasheet(HTML) 7 Page - Sames

Back Button SA9103ESA Datasheet HTML 3Page - Sames SA9103ESA Datasheet HTML 4Page - Sames SA9103ESA Datasheet HTML 5Page - Sames SA9103ESA Datasheet HTML 6Page - Sames SA9103ESA Datasheet HTML 7Page - Sames SA9103ESA Datasheet HTML 8Page - Sames SA9103ESA Datasheet HTML 9Page - Sames SA9103ESA Datasheet HTML 10Page - Sames SA9103ESA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SA9103E
sames
7/14
By adapting the "Read/Reset" rate to the line current the accuracy of the measurement
can be achieved down to lowest signal levels.
Read, Reset and Read/Reset of integrator for active energy
FIRST BYTE
DR-00923
8
9
10
11
12
13
14
15
SECOND BYTE
1
0
2
34567
Data on SOUT
From the two bytes of data output by the device, the value for the register may be
derived as shown:
Register value = (first byte * 256) + second byte
The most significant bit of the 16 bit energy register is an indication fo the direction
of the energy flow (0 = positive, 1 = negative)
The register access codes which can be written to the SA9103E via the serial
communications port are shown in the table below:
REGISTER
READ
RESET
READ-RESET
Active
$01
$02
$03
RE S
RE S
D R - 0 09 20
RD /
RE S
ST AR T
BI T
RD
RE S
RD
RD
ST OP
BI T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com