Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9109B Datasheet(PDF) 4 Page - Sames

Part # SA9109B
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9109B Datasheet(HTML) 4 Page - Sames

  SA9109B Datasheet HTML 1Page - Sames SA9109B Datasheet HTML 2Page - Sames SA9109B Datasheet HTML 3Page - Sames SA9109B Datasheet HTML 4Page - Sames SA9109B Datasheet HTML 5Page - Sames SA9109B Datasheet HTML 6Page - Sames SA9109B Datasheet HTML 7Page - Sames SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SA9109B
4/18
sames
ELECTRICAL CHARACTERISTICS (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Pin VREF
With R
7 = 24kΩ
Ref. Current
-I
R
45
50
55
µA
connected to V
SS
Ref. Voltage
V
R
1.1
1.3
V
Referred to V
SS
Pins PB, SR[0], SR[1],
PGM
Input Voltage High
V
IH
4V
Input Voltage Low
V
IL
1V
Pullup Current
30
µA
V
IN = VSS
Pin PCLK
Input Voltage High
V
IH
4V
Input Voltage Low
V
IL
1V
Input Current High/
±30
µA
V
IN=VSS..VDD
Low
Pin VBA
I
MAX
50
nA
Power down
V
MIN
1.1
5.5
V
mode
# Extended Operating Temperature Range available on request
Note 1: At rated conditions
Pin
Designation
Type
Description
11
GND
Supply
Ground
17
V
DD
Supply
Positive Supply Voltage sense
3V
SS
Supply
Negative Supply Voltage sense
2
VBA
Supply
Battery back-up. Negative Supply Voltage
8
IVN
Analog in
Analog input for Voltage
10
IIN
Analog in
Analog input for Current
9
IIP
Analog in
38
OSC1
Input
Connections for crystal or ceramic resonator
37
OSC2
Output
(OSC1 = Input; OSC2 = Output)
18
R[0]
Output
Liquid crystal display (LCD) backplane drivers
19
R[1]
Output
20
R[2]
Output
21
R[3]
Output
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com