Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9205 Datasheet(PDF) 12 Page - Sames

Part # SA9205
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9205 Datasheet(HTML) 12 Page - Sames

Back Button SA9205 Datasheet HTML 6Page - Sames SA9205 Datasheet HTML 7Page - Sames SA9205 Datasheet HTML 8Page - Sames SA9205 Datasheet HTML 9Page - Sames SA9205 Datasheet HTML 10Page - Sames SA9205 Datasheet HTML 11Page - Sames SA9205 Datasheet HTML 12Page - Sames SA9205 Datasheet HTML 13Page - Sames SA9205 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SA9203/5
sames
12/14
FIGURE 16: µP Read Waveforms Latched Output
Table 1: AC Characteristics for µP Interface1 - TA = 0°C to 70°C, VDD = 5V 10%
Symbol Parameter
Min
Max
Units
t
AL
Address to Latch Setup Time
10
ns
t
LA
Address Hold Time after Latch
10
ns
t
LC
Latch to READ/WRITE Control
10
ns
t
RD
Valid Data Out Delay from READ Control
50
ns
t
LD
Latch to Data Out Valid
50
ns
t
AD
Address Stable to Data Out Valid
100
ns
t
LL
Latch Enable Width
30
ns
t
RDF
Data Bus Float after READ
0
40
ns
t
CL
READ/WRITE Control to Latch Enable
10
ns
t
CLL
WRITE Control to Latch Enable
50
ns
t
CC
READ/WRITE Control Width
60
ns
t
DW
Data in to WRITE Setup Time
20
ns
t
WD
Data in Hold Time after WRITE
20
ns
t
RV
Recovery Time between READ/WRITE
50
ns
t
RDE
Data Bus Enable from READ Control
10
ns
FIGURE 15: I/O Port Waveforms Transparent Output
DATA BUS *
DR 01273
INPUT
RD
X
PR
t
DATA VALID
RP
t
OUTPUT
DR-01274
DATA BUS *
WR
X
DATA VALID
WP
t
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com