Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9602H Datasheet(PDF) 1 Page - Sames

Part # SA9602H
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602H Datasheet(HTML) 1 Page - Sames

  SA9602H Datasheet HTML 1Page - Sames SA9602H Datasheet HTML 2Page - Sames SA9602H Datasheet HTML 3Page - Sames SA9602H Datasheet HTML 4Page - Sames SA9602H Datasheet HTML 5Page - Sames SA9602H Datasheet HTML 6Page - Sames SA9602H Datasheet HTML 7Page - Sames SA9602H Datasheet HTML 8Page - Sames SA9602H Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
sames
1/14
SA9602H
FEATURES
s
Performs bidirectional power and
energy measurement
s
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
s
Protected against ESD
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH INSTANTANEOUS PULSE OUTPUT
7149
PDS039-SA9602H-001
REV.D
27-08-98
s
Total power consumption rating below
25mW
s
Adaptable to different types of current
sensors
s
Operates over a wide temperature range
s
Precision voltage reference on-chip
DESCRIPTION
The SAMES SA9602H is an enhancement of
the SA9102H, as no external capacitors are
required for the A/D converters. The SA9602H
has a higher output pulse rate than the
SA9102H.
The SAMES SA9602H Single
Phase
bidirectional Power/Energy metering integrated
circuit generates a pulse rate output, the
frequency of which is proportional to the power
consumption. The SA9602H performs the
calculation for active power.
The method of calculation takes the power
factor into account.
Energy consumption can be determined by
the power measurement being integrated over
time.
This innovative universal single phase power/
energy metering integrated circuit is ideally
suited for energy calculations in applications
such as residential municipal metering and
factory energy metering and control.
The SA9602H integrated circuit is available in
both 14 and 20 pin dual-in-line plastic (DIP-14/
DIP-20), as well as 20 pin small outline (SOIC-
20) package types.
PIN CONNECTIONS
Package: DIP-14
DR-01276
OSC1
7
OSC2
VREF
DD
TEST
V
IIP
IIN
6
5
4
3
2
1
FOUT
8
IVP
TP12
GND
SS
DIR
FMO
9
10
11
12
V
13
14


Similar Part No. - SA9602H

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602 SAMES-SA9602 Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602EPA SAMES-SA9602EPA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESAR SAMES-SA9602ESAR Datasheet
441Kb / 10P
Single Phase Unidirectional Power
More results

Similar Description - SA9602H

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com