Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9602M Datasheet(PDF) 11 Page - Sames

Part # SA9602M
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602M Datasheet(HTML) 11 Page - Sames

Back Button SA9602M Datasheet HTML 7Page - Sames SA9602M Datasheet HTML 8Page - Sames SA9602M Datasheet HTML 9Page - Sames SA9602M Datasheet HTML 10Page - Sames SA9602M Datasheet HTML 11Page - Sames SA9602M Datasheet HTML 12Page - Sames SA9602M Datasheet HTML 13Page - Sames SA9602M Datasheet HTML 14Page - Sames SA9602M Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SA9602M
sames
11/16
TYPICAL APPLICATIONS
In the Application Circuits (Figures 1 and 2), the components required for power metering
applications, are shown.
In Figure 1 a shunt resistor is used for current sensing. In this application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
In the case of Figure 2, when using a current transformer for current sensing, a +5V, 0V
DC supply is sufficient.
The most important external components for the SA9602M integrated circuit are:
R
2, R1 and RSH are the resistors defining the current level into the current sense input.
The values should be selected for an input current of 16µA
RMS into the SA9602M at
maximum line current.
Values for RSH of less than 200µ
Ω should be avoided.
R
1 = R2 = (IL/16µARMS) * RSH/2
Where
I
L
=
Line current
RSH
=
Shunt resistor/termination resistor
R
3, R6 and R4 set the current for the voltage sense input. The values should be selected
so that the input current into the voltage sense input (virtual ground) is set to 14µA
RMS.
R
7 defines all on-chip bias and reference currents. With R7 = 24kΩ, optimum conditions
are set. R
7 may be varied within ±10% for calibration purposes.
Any change to R
7 will
affect the output quadratically (i.e.: R
7 = +5%, fP = +10%).
The formula for calculating the output frequency is given below:
f
= 11.16 * FOUTX *
FOSC
*
I
I .IV
LED
3.58MHz
I
R
2
Where FOUTX
= Frequency for selected rated condition
FOSC
= Oscillator frequency (2MHz ...... 4MHz)
I
I
= Input current for current input (16µA
RMS at rated)
I
V
= Input current for voltage input (14µA
RMS at rated)
I
R
= Reference current
(typically 50µA)
XTAL is a colour burst TV crystal (f = 3.5795 MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897 MHz on-chip, to supply the digital circuitry and the
A/D converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com