Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9604A Datasheet(PDF) 9 Page - Sames

Part # SA9604A
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604A Datasheet(HTML) 9 Page - Sames

Back Button SA9604A Datasheet HTML 5Page - Sames SA9604A Datasheet HTML 6Page - Sames SA9604A Datasheet HTML 7Page - Sames SA9604A Datasheet HTML 8Page - Sames SA9604A Datasheet HTML 9Page - Sames SA9604A Datasheet HTML 10Page - Sames SA9604A Datasheet HTML 11Page - Sames SA9604A Datasheet HTML 12Page - Sames SA9604A Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SA9604A
sames
9/20
5.6 Synchronised Reading of Registers
The SA9604A integrated circuit updates the registers on a continual basis. The
SA9604A register content in latched onto the SPI interface as soon as a read
command has been detected or the next register is addressed during continual
access. The registers can be accessed at any time however for maximum stability
the time between readings must be in multiples of 8 mains cycles. The internal offset
cancellation procedure requires 8 mains cycles to complete. The registers are not
reset after access, so in order to determine the correct register value the previous
value read must be subtracted from the current reading. This methodology holds
true for Active, Reactive and Voltage registers. The data read from the registers
SPI TIMING
Parameter
t1
t2
t3
t4
Description
SCK rising edge for data valid
Setup time for DI and CS before the rising edge
of SCK
SCK min high time
SCK min low time
Unit
µS
µS
µS
µS
Max
1,160
Min
0,560
0,625
0,625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com