Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9605ASA Datasheet(PDF) 10 Page - Sames

Part # SA9605ASA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASA Datasheet(HTML) 10 Page - Sames

Back Button SA9605ASA Datasheet HTML 6Page - Sames SA9605ASA Datasheet HTML 7Page - Sames SA9605ASA Datasheet HTML 8Page - Sames SA9605ASA Datasheet HTML 9Page - Sames SA9605ASA Datasheet HTML 10Page - Sames SA9605ASA Datasheet HTML 11Page - Sames SA9605ASA Datasheet HTML 12Page - Sames SA9605ASA Datasheet HTML 13Page - Sames SA9605ASA Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SA9605A
sames
10/14
Figure 1: Application Circuit for Three Phase Power/Energy Measurement.
XTAL is a colour burst TV crystal (f = 3.5795 MHz) for the oscillator. The oscillator
frequency is divided down to 1.78975 MHz on-chip, to supply the digital circuitry and the
A/D converters.
VI1P
VI1N
SA9605A
DIP - 20
IC-1
VI3N
6
DR-01112
0V
FOUT2
FOUT1
DIR
C13
P6
C12
0V
R6
10
7
8
9
R3A
R1A
R2A
VI3P
MAINS VOLTAGES
VI2P
VI2N
LINE 3
LINE 1
LINE 2
R20
R19
R3
R1
R2
C3
R13
R12
R11
R10
R17
4
5
1
2
3
15
XTAL
11
14
13
12
0V
P14
R14
PGM1
PGM0
R21
0V
P5
C14
0V
R7
5V
17
16
18
19
20
C2
C1
R16
R8
R9
R15
R5
R4
R18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com