Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAN3010 Datasheet(PDF) 11 Page - Sames

Part # SAN3010
Description  SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN3010 Datasheet(HTML) 11 Page - Sames

Back Button SAN3010 Datasheet HTML 5Page - Sames SAN3010 Datasheet HTML 6Page - Sames SAN3010 Datasheet HTML 7Page - Sames SAN3010 Datasheet HTML 8Page - Sames SAN3010 Datasheet HTML 9Page - Sames SAN3010 Datasheet HTML 10Page - Sames SAN3010 Datasheet HTML 11Page - Sames SAN3010 Datasheet HTML 12Page - Sames SAN3010 Datasheet HTML 13Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SAN3010
sames
sames
sames
sames
11/13
PAGE
5
LOC
OBJ
LINE
SOURCE
4084 01
4085 05
4086 01
206
db
Row2,Row2,Col3
;
key "6"
, keycode= 6
4087 01
4088 06
4089 01
207
db
Row2,Row2,Col4
;
key "7"
, keycode= 7
408A 01
408B 07
408C 02
208
db
Row3,Row3,Col1
;
key "8"
, keycode= 8
408D 02
408E 04
408F 02
209
db
Row3,Row3,Col2
;
key "9"
, keycode= 9
4090 02
4091 05
4092 02
210
db
Row3,Row3,Col3
;
key "0"
, keycode= 10
4093 02
4094 06
4095 02
211
db
Row3,Row3,Col4
;
key "*"
, keycode= 11
4096 02
4097 07
4098 03
212
db
Row4,Row4,Col1
;
key "#"
, keycode= 12
4099 03
409A 04
409B 03
213
db
Row4,Row4,Col2
;
key "PS,R1", keycode= 13
409C 03
409D 05
409E 03
214
db
Row4,Row4,Col3
;
key "R,R2" , keycode= 14
409F 03
40A0 06
40A1 03
215
db
Row4,Row4,Col4
;
key "R2,R3 , keycode= 15
40A2 03
40A3 07
40A4 88
216
db
disable,Row1,Col1 ;
key "LNR"
, keycode= 16
40A5 00
40A6 04
40A7 88
217
db
disable,Row1,Col2 ;
key "Vol"
, keycode= 17
40A8 00
40A9 05
40AA 88
218
db
disable,Row1,Col3 ;
key "Vol+" , keycode= 18
40AB 00
40AC 06
40AD 88
219
db
disable,Row1,Col4 ;
key "Vol-" , keycode= 19
40AE 00
40AF 07
40B0 88
220
db
disable,Row2,Col1 ;
keycode= 20
40B1 01
40B2 04
40B3 88
221
db
disable,Row2,Col2 ;
keycode= 21
40B4 01
40B5 05
40B6 88
222
db
disable,Row2,Col3 ;
keycode= 22
40B7 01
40B8 06
40B9 88
223
db
disable,Row2,Col4 ;
keycode= 23
40BA 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com