Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

399100113 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 399100113
Description  10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 13 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

399100113 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  399100113 Datasheet HTML 1Page - Molex Electronics Ltd. 399100113 Datasheet HTML 2Page - Molex Electronics Ltd. 399100113 Datasheet HTML 3Page - Molex Electronics Ltd. 399100113 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MATERIAL NUMBER
DIM. "A"
DIM. "B"
NO. OF
CIRCUITS
mm
in
mm
in
STANDARD
OPTIONAL
10A IMPRINT
OPTIONAL
11A IMPRINT
OPTIONAL
SLOTTED
SCREW
OPTIONAL
SLOTTED
SCREW W/10A
IMPRINT
OPTIONAL
SLOTTED
SCREW W/11A
IMPRINT
OPTIONAL
STAINLESS
STEEL
SCREW
02
21.8
0.86
10.16
0.400
399100102
399120102
399130102
399100402
399120402
399130402
399100702
03
32.0
1.26
20.32
0.800
399100103
399120103
399130103
399100403
399120403
399130403
399100703
04
42.2
1.66
30.48
1.200
399100104
399120104
399130104
399100404
399120404
399130404
399100704
05
52.3
2.06
40.64
1.600
399100105
399120105
399130105
399100405
399120405
399130405
399100705
06
62.5
2.46
50.80
2.000
399100106
399120106
399130106
399100406
399120406
399130406
399100706
07
72.6
2.86
60.96
2.400
399100107
399120107
399130107
399100407
399120407
399130407
399100707
08
82.8
3.26
71.12
2.800
399100108
399120108
399130108
399100408
399120408
399130408
399100708
09
93.0
3.66
81.28
3.200
399100109
399120109
399130109
399100409
399120409
399130409
399100709
10
103.1
4.06
91.44
3.600
399100110
399120110
399130110
399100410
399120410
399130410
399100710
11
113.3
4.46
101.60
4.000
399100111
399120111
399130111
399100411
399120411
399130411
399100711
12
123.4
4.86
111.76
4.400
399100112
399120112
399130112
399100412
399120412
399130412
399100712
13
133.6
5.26
121.92
4.800
399100113
399120113
399130113
399100413
399120413
399130413
399100713
14
143.8
5.66
132.08
5.200
399100114
399120114
399130114
399100414
399120414
399130414
399100714



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com