Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2532 Datasheet(PDF) 7 Page - Sames

Part # SA2532
Description  SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532 Datasheet(HTML) 7 Page - Sames

Back Button SA2532 Datasheet HTML 3Page - Sames SA2532 Datasheet HTML 4Page - Sames SA2532 Datasheet HTML 5Page - Sames SA2532 Datasheet HTML 6Page - Sames SA2532 Datasheet HTML 7Page - Sames SA2532 Datasheet HTML 8Page - Sames SA2532 Datasheet HTML 9Page - Sames SA2532 Datasheet HTML 10Page - Sames SA2532 Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SAN3010
sames
sames
sames
sames
7/13
MCS-51 MACRO ASSEMBLER
KEY
09/09/96
PAGE
1
LOC
OBJ
LINE
SOURCE
1
; (c) Austria Mikro Systeme International AG AMS
2
; J.Janisch
/ telecom applications
3
; Program name:
KEY.ASM
4
; Version:
A01
5
; Date:
1996-09-09
6
; Author:
J.Janisch / Telecom Applications
7
;
8
; User program for 8051 interface to SA253x for key entry via
9
;
microcontroller
10
; Application Note AN3010
11
; Program code is at Address 4000 HEX
12
;
13
; Reference for calculations:
14
; Clock Frequency of Microcontroller (80C31) = 11.0592 MHz
15
;
--> 1 machine cycle = 12 clock cycles = 1.085 us
16
;
17
; Decoder Logic:
18
; Port1:
19
; P1.7 : active low input; detects rising edge of C1 OR C2
20
;
should be set high by any output command to port 1
21
; P1.6 : not used
22
; P1.5 : not used
23
; P1.4 : forces selected row/column high or low
24
; P1.3 : when high, disables all rows/columns (high Z)
25
; P1.2 : row / column selector
MSB
26
; P1.1 : row / column selector
27
; P1.0 : row / column selector
LSB
28
;
29
;
P1.2 P1.1 P1.0
select:
30
;
0
0
0
row 1
31
;
0
0
1
row 2
32
;
0
1
0
row 3
33
;
0
1
1
row 4
34
;
1
0
0
column 1
35
;
1
0
1
column 2
36
;
1
1
0
column 3
37
;
1
1
1
column 4
38
;
39
40
0000
41
Row1
equ
0
0001
42
Row2
equ
1
0002
43
Row3
equ
2
0003
44
Row4
equ
3
0004
45
Col1
equ
4
0005
46
Col2
equ
5
0006
47
Col3
equ
6
0007
48
Col4
equ
7
0090
49
ForceHi equ
90H
0080
50
ForceLo equ
80H
13 Appendix C: Sample Software listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com