Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2181 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KA2181
Description  REMOTE CONTROL PREAMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2181 Datasheet(HTML) 1 Page - Samsung semiconductor

  KA2181 Datasheet HTML 1Page - Samsung semiconductor KA2181 Datasheet HTML 2Page - Samsung semiconductor KA2181 Datasheet HTML 3Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KA2181
REMOTE CONTROL PREAMPLIFIER
REMOTE CONTROL PREAMPLIFIER
The KA2181 is a silicon monolithic integrated circuit
designed for a remote control preamplifier of infrared
signals. This device has features of low power, high
sensitivity and wide supply voltage.
FUNCTIONS
• AMP • ABLC • LIMITER & LEVEL SHIFT
• PEAK DET • SHAPING
FEATURES
• Wide operation voltage
V
CC=6 to 14.4V
• Low power consumption
I
CC=2.5mA Typ.
• High input sensitivity
50
µV
P-P Typ.
• Peak detector
• Small size package
8-SIP
• A minimum number of parts are required
• Designed for use with the KS5803 remote control transmitter IC.
BLOCK DIAGRAM
Device
Package
Operating Temperature
KA2181
8-SIP
-20
°C ~+75°C
8-SIP
ORDERING INFORMATION
Fig. 1
VCC
6 ~14.4V
Output
Tuning Coil
3
4
8
Peak Hold Capacitor
+
Power Supply
+
Input
1
7
AMP
+
By-pass Capacitor
6
Integral Capacitor
Ground
5
ABLC
BIAS
PIN-Photo
Diode
2


Similar Part No. - KA2181

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2182 SAMSUNG-KA2182 Datasheet
265Kb / 3P
LINEAR INTEGRATED CIRCUIT
KA2183 SAMSUNG-KA2183 Datasheet
265Kb / 3P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KA2181

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
NTE Electronics
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
logo
Daewoo Semiconductor
DBL2055 DAEWOO-DBL2055 Datasheet
405Kb / 7P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
List of Unclassifed Man...
SL486 ETC-SL486 Datasheet
201Kb / 7P
INFRA RED REMOTE CONTROL PREAMPLIFIER
logo
NEC
UPC1373H NEC-UPC1373H Datasheet
309Kb / 6P
REMOTE CONTROL PREAMPLIFIER
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
Preamplifier for Remote Control Use
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
HL3280 ETC1-HL3280 Datasheet
60Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com