Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2425A Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KA2425A
Description  SPEECH NETWORK WITH DIALER INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2425A Datasheet(HTML) 6 Page - Samsung semiconductor

  KA2425A Datasheet HTML 1Page - Samsung semiconductor KA2425A Datasheet HTML 2Page - Samsung semiconductor KA2425A Datasheet HTML 3Page - Samsung semiconductor KA2425A Datasheet HTML 4Page - Samsung semiconductor KA2425A Datasheet HTML 5Page - Samsung semiconductor KA2425A Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KA2425A
SPEECH NETWORK WITH DIALER INTERFACE
APPLICATION
CIRCUIT
6
14
4
15
13
12
11
10
1
2
3
7
8
9
KA2425A
33
µF
68
Ω, 1/2
TIP
RING
H/S SW
-
+
103
220K
8.2K
4.7K
3.3K
+
393
102
383
383
22
µF
+
120K
472
47
µF
+
SPEAKER
200
Ω
2.2K
223
102
MIC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com