Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2500 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KA2500
Description  WIDE BAND ANALOG SWITCH FOR MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 4 Page - Samsung semiconductor

  KA2500 Datasheet HTML 1Page - Samsung semiconductor KA2500 Datasheet HTML 2Page - Samsung semiconductor KA2500 Datasheet HTML 3Page - Samsung semiconductor KA2500 Datasheet HTML 4Page - Samsung semiconductor KA2500 Datasheet HTML 5Page - Samsung semiconductor KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
WIDE BAND ANALOG SWITCH FOR MONITORS
KA2507
4
PIN DESCRIPTION
Table 2. Pin Description
Pin No
Pin Name
Schematic
Description
1
3
5
8
10
12
R1
G1
B1
R2
G2
B2
Video Input
• max. Level = 2.4 V PP
• f-3dB = 300 MH z
2
GND1
-
Red Block Ground
4
GND2
-
Green Block Ground
9
GND3
-
Blue Block Ground
11
GND4
-
HV, SOG, SW Block Ground
6
7
13
14
H1
V1
H2
V2
Horizontal/Vertical Sync Input
• TTL Level
PIN
50
Ω
1.5k
Ω
7k
Ω
50
Ω
1.5k
Ω
PIN
1k
Ω
50k
Ω
50k
Ω
3 ~ 5 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com