Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0522711069 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0522711069
Description  1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 10 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0522711069 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0522711069 Datasheet HTML 1Page - Molex Electronics Ltd. 0522711069 Datasheet HTML 2Page - Molex Electronics Ltd. 0522711069 Datasheet HTML 3Page - Molex Electronics Ltd. 0522711069 Datasheet HTML 4Page - Molex Electronics Ltd. 0522711069 Datasheet HTML 5Page - Molex Electronics Ltd. 0522711069 Datasheet HTML 6Page - Molex Electronics Ltd. 0522711069 Datasheet HTML 7Page - Molex Electronics Ltd. 0522711069 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0522711069
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact
Style, 10 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52271
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
10
Color - Resin
Natural
Contact Position
Bottom
Durability (mating cycles max)
30
Entry Angle
90° Angle
Flammability
94V-0
Mated Height (in)
0.118 In
Mated Height (mm)
3.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-52271-001
Packaging Specification
SPK-52271-001, SPK-52271-002
Product Specification
PS-52271-054, RPS-52271-076, RPS-52271-078,
RPS-52271-079, RPS-52271-081, RPS-52271-082,
RPS-52271-083, RPS-52271-084, RPS-52271-086,
RPS-52271-088, RPS-52271-090
Sales Drawing
SD-52271-038, SD-52271-039
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52271Series


Similar Part No. - 0522711069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0522711069 MOLEX1-0522711069 Datasheet
33Kb / 2P
Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Right-Angle, Bottom Contact, 3.00mm Height, 10 Circuits, Gold Plating
0522711069 MOLEX1-0522711069_V01 Datasheet
33Kb / 2P
Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Right-Angle, Bottom Contact, 3.00mm Height, 10 Circuits, Gold Plating
More results

Similar Description - 0522711069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0522711369 MOLEX7-0522711369 Datasheet
478Kb / 8P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 13 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522711879 MOLEX7-0522711879 Datasheet
468Kb / 7P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 18 Circuits, Lead-free, High Barrier Packaging
0522711269 MOLEX7-0522711269 Datasheet
478Kb / 8P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 12 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522710669 MOLEX7-0522710669 Datasheet
165Kb / 4P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 6 Circuits, Lead-free, Gold Contact Plating
0522711079 MOLEX7-0522711079 Datasheet
468Kb / 7P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 10 Circuits, Lead-free, High Barrier Packaging
0522711869 MOLEX7-0522711869 Datasheet
478Kb / 8P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 18 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522711669 MOLEX7-0522711669 Datasheet
478Kb / 8P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 16 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522713069 MOLEX7-0522713069 Datasheet
478Kb / 8P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 30 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522711569 MOLEX7-0522711569 Datasheet
478Kb / 8P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 15 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522711769 MOLEX7-0522711769 Datasheet
478Kb / 8P
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 17 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com