Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53258-3003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53258-3003
Description  3.50mm (.138") Pitch Header, Vertical, Lead-free, 3 Circuits, Phosphor Bronze (CuSnContact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53258-3003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53258-3003 Datasheet HTML 1Page - Molex Electronics Ltd. 53258-3003 Datasheet HTML 2Page - Molex Electronics Ltd. 53258-3003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0532583003
Status:
Active
Description:
3.50mm (.138") Pitch Header, Vertical, Lead-free, 3 Circuits, Phosphor Bronze (CuSn)
Contact
Documents:
3D Model
Product Specification PS-51067-022 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
53258
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4.5A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53258Series
Mates With
51067 Wire-to-Wire and Wire-to-Board
Housing


Similar Part No. - 53258-3003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53258-3002 MOLEX7-53258-3002 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 2 Circuits, Phosphor Bronze (CuSnContact
53258-3004 MOLEX7-53258-3004 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 4 Circuits, Phosphor Bronze (CuSnContact
53258-3005 MOLEX7-53258-3005 Datasheet
119Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 5 Circuits, Phosphor Bronze (CuSnContact
53258-3006 MOLEX7-53258-3006 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 6 Circuits, Phosphor Bronze (CuSn)Contact
53258-3007 MOLEX7-53258-3007 Datasheet
119Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 7 Circuits, Phosphor Bronze (CuSn)Contact
More results

Similar Description - 53258-3003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0532583007 MOLEX7-0532583007 Datasheet
119Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 7 Circuits, Phosphor Bronze (CuSn)Contact
0532583004 MOLEX7-0532583004 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 4 Circuits, Phosphor Bronze (CuSnContact
0532583008 MOLEX7-0532583008 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 8 Circuits, Phosphor Bronze (CuSnContact
0532583010 MOLEX7-0532583010 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 10 Circuits, Phosphor Bronze (CuSnContact
0532583011 MOLEX7-0532583011 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 11 Circuits, Phosphor Bronze (CuSnContact
0532580329 MOLEX7-0532580329 Datasheet
137Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 3 Circuits, Brass (CuZn) Contact
0532583009 MOLEX7-0532583009 Datasheet
119Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 9 Circuits, Phosphor Bronze (CuSnContact
0532583006 MOLEX7-0532583006 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 6 Circuits, Phosphor Bronze (CuSn)Contact
0532583002 MOLEX7-0532583002 Datasheet
120Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 2 Circuits, Phosphor Bronze (CuSnContact
0532583005 MOLEX7-0532583005 Datasheet
119Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 5 Circuits, Phosphor Bronze (CuSnContact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com