Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C821 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S3C821
Description  S3C8-SERIES MICROCONTROLLES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C821 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S3C821 Datasheet HTML 17Page - Samsung semiconductor S3C821 Datasheet HTML 18Page - Samsung semiconductor S3C821 Datasheet HTML 19Page - Samsung semiconductor S3C821 Datasheet HTML 20Page - Samsung semiconductor S3C821 Datasheet HTML 21Page - Samsung semiconductor S3C821 Datasheet HTML 22Page - Samsung semiconductor S3C821 Datasheet HTML 23Page - Samsung semiconductor S3C821 Datasheet HTML 24Page - Samsung semiconductor S3C821 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
S3C821A/P821A
ELECTRICAL DATA
17-9
0.8 V DD
0.2 V DD
tINTL
tINTH
NOTE: The unit t CPU means one CPU clock period.
Figure 17-3. Input Timing for External Interrupts
tRSL
0.2 V DD
RESET
Figure 17-4. Input Timing for
RESET
RESET
SCK
tKL
tKH
tKCY
0.8 V DD
INPUT DATA
OUTPUT DATA
0.2 V DD
0.8 V DD
0.2 V DD
SI
SO
tKSO
tSIK
tKSI
Figure 17-5. Serial Data Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com