Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK34 Datasheet(PDF) 2 Page - Sanken electric

Part # RK34
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RK34 Datasheet(HTML) 2 Page - Sanken electric

  RK34 Datasheet HTML 1Page - Sanken electric RK34 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Temperature T (
°C)
T —IF(AV) Characteristics
RK 13, 14
20
60
40
80
0
1
5
50
10
20ms
RK 33, 34
RK 43, 44
10
1
0.1
0.01
100
10
1
0.01
0.1
20
10
40
50
30
60
0
1
5
50
10
20ms
10
20
40
30
50
0
1
5
50
10
20ms
025
50
40
75
100
150
125
0
0.4
0.8
1.2
1.6
1.7
2.0
0
25
50
75
100
150
125
0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
0
0.6
1.2
1.8
2.4
3.0
VR=40V
0.2
1.0
1.2
0
0.4
0.6
0.8
10
50
60
0
20
30
40
50
10
1
0.1
0.01
0.001
100
10
1
0.001
0.01
0.1
0.2
1.0
1.2
0
0.4
0.6
0.8
10
50
60
0
20
30
40
50
10
1
0.1
0.01
0.001
50
10
1
0.001
0.01
0.1
0.2
1.0
1.4
1.2
0
0.4
0.6
0.8
10
50
60
0
20
30
40
Ta 125ºC
=
Ta 25ºC
=
Ta 125ºC
=
25ºC
L =15 mm
L =15 mm
P.C.B
180•100 •1.6 t
10mm
Ta 125ºC
=
100ºC
60ºC
27ºC
125ºC
100ºC
60ºC
27ºC
t / T 1/6
=
t / T 1/2
=
D.C.
t / T 1/ 3
=
Sinewave
T
t
Ta 125ºC
=
100ºC
60ºC
25ºC
125ºC
100ºC
60ºC
25ºC
89
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Derating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Solder
Copper Foil



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com