Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES01 Datasheet(PDF) 1 Page - Sanken electric

Part # ES01
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

ES01 Datasheet(HTML) 1 Page - Sanken electric

  ES01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.7
±0.2
0.6±
0.05
Cathode Mark
2.7
±0.2
0.78±
0.05
Cathode Mark
2.4
±0.1
0.57 ±
0.02
Cathode Mark
0
25
50
75
100
125
150
0
0
25
50
75
100
125
150
0
ES01F
0.4
0.2
1.0
0
25
50
75
100
125
150
ES 1F
L =10mm
L =10mm
P.C.B
180•100•1.6t
10mm
0.6
1.0
1.4
1.8
0.2
2.2
Ta 150ºC
=
100ºC
60ºC
25ºC
0.6
1.0
1.4
1.8
0.2
2.2
2.6
Ta 150ºC
=
100ºC
60ºC
25ºC
0.4
0.6
0.8
1.0
0.2
1.2
1.4
1.6
Ta 150ºC
=
120ºC
100ºC
70ºC
25ºC
0
1
5
50
10
20ms
8
20
0
1
5
50
10
20ms
30
20
10
0
1
5
50
10
20ms
30
20
10
ES01F
ES01Z
ES01
ES01A
ES 1F
ES 1Z
ES 1
ES 1A
0.2
0.6
1.0
1.4
1.8
16
12
4
0.6
0.8
0.4
0.2
1.0
0.6
0.8
0
0.4
0.2
1.0
0.6
0.8
50
P.C.B. t 1.6
3.0 t 50
µCu
ES 1Z
ES 1
ES 1A
AS01 series
ES01 series
ES 1 series
ES 1F ES 01F
1
10
20
0.1
0.01
0.001
1
10
30
0.1
0.01
0.001
1
10
40
0.1
0.01
0.001
0.1
0.01
0.001
1
ES01Z
ES01
ES01A
A
Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
trr
Œ
(
µs)
trr

(
µs)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
AS01Z
200
AS01
400
AS01A
600
ES01Z
200
ES01
400
ES01A
600
ES01F
1500
ES 1Z
200
ES 1
400
ES 1A
600
ES 1F
1500
0.6
20
1.5
0.6
0.7
30
2.5
0.8
0.5
20
2.0
0.5
0.7
30
2.5
0.8
0.5
20
2.0
0.5
10
50
1.5
10/10
10/20
–40 to +150
0.6
22
0.13
B
10
200
1.5
10/10
10/20
0.6
20
0.2
C
10
200
1.5
10/10
10/20
0.6
17
0.3
29
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta—IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta—IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta—IF(AV) Derating
Solder
Copper Foil
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
Rth (j- )


Similar Part No. - ES01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES01 SANKEN-ES01 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Powerbox
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
150 WATTS PROGRAMMABLE DC SUPPLY
logo
Micronetics, Inc.
ES0189 MICRONETICS-ES0189 Datasheet
149Kb / 2P
High Power Switch 2.4 GHz to 2.5 GHz
logo
Sanken electric
ES01A SANKEN-ES01A Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES01A SANKEN-ES01A Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
More results

Similar Description - ES01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com