Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF-0272 Datasheet(PDF) 2 Page - Sanken electric

Part # SCF-0272
Description  CCFL-Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCF-0272 Datasheet(HTML) 2 Page - Sanken electric

  SCF-0272 Datasheet HTML 1Page - Sanken electric SCF-0272 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Symbol
Ratings
Unit
Parameter
VIN
IIN
fsw
IL
fPWM
PL
VO
4.75
—
50
—
—
100
—
1000
5
—
—
4.7
5.0
—
2.0
1100
5.25
700
60
—
—
500
—
—
V
mA
kHz
mArms
mArms
Hz
W
Vrms
sApplication
sAbsolute maximum ratings
sElectrical characteristics
DC input voltage
Control signal voltage
Output power
Operating temp.
Storage temp.
Humidity
VIN
Vbr
PL
Topr
Tstg
RH
V
V
W
°C
°C
%RH
0 to 8
0 to 5.5
2.3
0 to 60
– 20 to 80
95
Remarks
Input DC voltage
Input current
Driving frequency
Output current
Dimming control frequency
Output Power
Open voltage
Ratings
Symbol
min
typ
max
Unit
Remarks
Maximum wet-bulb temp. 38
°C
No dew condensation
5V
H
D
SW
L
TTL pulse
100 to 500Hz
SW H: enable 2.5V to VIN
L : disable 0 to 0.5V
D: dimming
CN1
1
3,4
2
5
VIN
RL
Vbr
GND
S-GND
Lamp-H
Lamp-L
Inverter Unit
CN2
1
2
Cold-Cathode
Fluorescent
Lamp
Conditions: at Topr=25
°C, VIN=5V (unless otherwise stated)
External signal TTL
VIN = 4.75V, RL=100M
Ω
RL=80k
Ω
VIN=5V
RL=90k
Ω
RL=90k
Ω
RL=80k
Ω
SCF-0272



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com