Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3050F Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3050F
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3050F Datasheet(HTML) 2 Page - Sanken electric

  SI-3050F Datasheet HTML 1Page - Sanken electric SI-3050F Datasheet HTML 2Page - Sanken electric SI-3050F Datasheet HTML 3Page - Sanken electric SI-3050F Datasheet HTML 4Page - Sanken electric SI-3050F Datasheet HTML 5Page - Sanken electric SI-3050F Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
34
*1: "A" may be indicated to the right of the Sanken logo.
*2: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)•IO=14(W).
*3: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.)
*4: IS1 is specified at –5(%) drop point of output voltage VO on the condition that VIN=VO+3V, IO=0.5A.
*5: Output is ON even when output control terminal VC is open. Each input level is equivalent to LS-TTL. Therefore, it may be directly driven by an
LS-TTL circuit.
*6: When setting output voltage to 5V or less, input voltage needs to be set to 6V or over to operate stably.
*7: A foldback type overcurrent protection circuit is built into the IC regulator. Therefore, avoid using it for the following applications as it may cause
starting errors:
(1) Constant current load (2) Plus/minus power (3) Series power (4) VO adjustment by raising ground voltage
sElectrical Characteristics (excluding SI-3025F)
(Ta=25
°C unless otherwise specified)
Parameter
Input Voltage
Output
Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient
of Output Voltage
Ripple Rejection
Quiescent Circuit
Current
Overcurrent Protection
Starting Current*4,7
ControlVoltage (Output ON)
ControlVoltage (Output OFF)
Control Current
(Output ON)
Control Current
(Output OFF)
VC
Terminal*5
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
IS1
Conditions
VC. IH
VC. IL
IC. IH
Conditions
IC. IL
Conditions
Unit
V
V
V
mV
mV
mV/
°C
dB
mA
A
V
µA
mA
SI-3000F*1
SI-3000FA
qSI-3000F Series
Ratings
SI-3050F
SI-3090F
SI-3120F
SI-3150F
SI-3157F
SI-3240F
min.
typ. max. min.
typ. max. min.
typ. max. min.
typ. max.
min
typ. max. min
typ. max.
6*3
15*2
10*3
20*2
13*3
25*2
16*3
27*2
16.7*3
27*2
25*3
40
4.80
5.00
5.20
8.64
9.00
9.36 11.52 12.00 12.48 14.40 15.00 15.60 14.92 15.70 16.48 23.04 24.00 24.96
4.90
5.00
5.10
8.82
9.00
9.18 11.76 12.00 12.24 14.70 15.00 15.30
VIN=8V, IO=0.5A
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=18V, IO=0.5A
VIN=19V, IO=0.5A
VIN=27V, IO=0.5A
0.5
0.5
0.5
0.5
0.5
0.5
IO
≤0.5A
1.0
1.0
1.0
1.0
1.0
1.0
IO
≤1.0A
10
30
18
48
24
64
30
90
30
90
48
128
VIN=6V to 15V, IO=0.5A VIN=10V to 20V, IO=0.5A VIN=13V to 25V, IO=0.5A VIN=16V to 27V, IO=0.5A VIN=17V to 27V, IO=0.5A VIN=25V to 38V, IO=0.5A
40
100
70
180
93
240
120
300
120
300
120
300
VIN=8V, IO=0 to 1.0A
VIN=12V, IO=0 to 1.0A
VIN=15V, IO=0 to 1.0A
VIN=18V, IO=0 to 1.0A
VIN=19V, IO=0 to 1.0A
VIN=27V, IO=0 to 1.0A
±0.5
±1.0
±1.5
±1.5
±1.5
±2.5
VIN=8V, IO=5mA, Tj=0 to 100
°CVIN=12V, IO=5mA,Tj=0 to 100°CVIN=15V, IO=5mA,Tj=0 to 100°CVIN=18V, IO=5mA,Tj=0 to 100°CVIN=19V, IO=5mA,Tj=0 to 100°CVIN=27V, IO=5mA,Tj=0 to 100°C
54
54
54
54
54
54
VIN=8V, f=100 to 120HZ
VIN=12V, f=100 to 120HZ
VIN=15V, f=100 to 120HZ
VIN=18V, f=100 to 120HZ
VIN=19V, f=100 to 120HZ
VIN=27V, f=100 to 120HZ
3
10
3
10
3
10
3
10
3
10
5
10
VIN=8V, IO=0A
VIN=12V, IO=0A
VIN=15V, IO=0A
VIN=18V, IO=0A
VIN=19V, IO=0A
VIN=27V, IO=0A
1.2
1.2
1.2
1.2
1.2
1.2
VIN=8V
VIN=12V
VIN=15V
VIN=18V
VIN=19V
VIN=27V
2.0
2.0
2.0
2.0
2.0
2.0
0.8
0.8
0.8
0.8
0.8
0.8
20
20
20
20
20
20
VC=2.7V
–0.3
–0.3
–0.3
–0.3
–0.3
–0.3
VC=0.4V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com