Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0873813664 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0873813664
Description  2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0873813664 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0873813664 Datasheet HTML 1Page - Molex Electronics Ltd. 0873813664 Datasheet HTML 2Page - Molex Electronics Ltd. 0873813664 Datasheet HTML 3Page - Molex Electronics Ltd. 0873813664 Datasheet HTML 4Page - Molex Electronics Ltd. 0873813664 Datasheet HTML 5Page - Molex Electronics Ltd. 0873813664 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0873813664
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Surface Mount, Top Entry, 0.38µm (15µ")
Gold (Au) Plating, with Cap, without Locating Pegs, 36 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-87380-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
87381
Application
Board-to-Board
Comments
With Cap
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
36
Circuits (maximum)
36
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.031 In
PCB Thickness Recommended (mm)
0.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.9A
Voltage - Maximum
125V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87381Series
Mates With
87758 Vertical, Through Hole, Stackable
PCB Header, 87759 Vertical, Surface
Mount, Stackable PCB Header, 87760
Right Angle, Through Hole, Stackable PCB
Header, 87831 Vertical, Through Hole PCB
Header, 87832 Vertical, Surface Mount PCB


Similar Part No. - 0873813664

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0873813617 MOLEX9-0873813617 Datasheet
126Kb / 3P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.76關m (30關) Gold (Au) Plating, without Cap, with Locating Peg, 36 Circuits, Leadfree
0873813618 MOLEX9-0873813618 Datasheet
126Kb / 3P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.38關m (15關) Gold (Au) Plating, without Cap, with Locating Peg, 36 Circuits, Leadfree
More results

Similar Description - 0873813664

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0873814218 MOLEX9-0873814218 Datasheet
126Kb / 3P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873814818 MOLEX9-0873814818 Datasheet
126Kb / 3P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873813009 MOLEX9-0873813009 Datasheet
238Kb / 4P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873814418 MOLEX9-0873814418 Datasheet
124Kb / 3P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873811064 MOLEX9-0873811064 Datasheet
327Kb / 6P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873814864 MOLEX9-0873814864 Datasheet
327Kb / 6P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873812664 MOLEX9-0873812664 Datasheet
327Kb / 6P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873812064 MOLEX9-0873812064 Datasheet
327Kb / 6P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873811618 MOLEX9-0873811618 Datasheet
126Kb / 3P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
0873811818 MOLEX9-0873811818 Datasheet
126Kb / 3P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.38um (15u") Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com