Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR7100 Datasheet(PDF) 1 Page - Sanken electric

Part # STR7100
Description  Separate Excitation Switching Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR7100 Datasheet(HTML) 1 Page - Sanken electric

  STR7100 Datasheet HTML 1Page - Sanken electric STR7100 Datasheet HTML 2Page - Sanken electric STR7100 Datasheet HTML 3Page - Sanken electric STR7100 Datasheet HTML 4Page - Sanken electric STR7100 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
86
sFeatures
• High output current (6A:STR7000 series, 12A: STR7100 series)
• High efficiency (70 to 90%)
• Wide DC input voltage range
• Built-in drooping type overcurrent protection circuit
• Foldback type overcurrent protection can be set externally.
• Output voltage adjustment
• Built-in reference oscillator (35kHz)
• Output ON/OFF control
sApplications
• Electronic equipment
sLineup
sAbsolute Maximum Ratings
Power Section: STR7000/STR7100 (Ta=25
°C)
sControl Section: SI-8020 Series (Ta=25
°C)
Separate Excitation Switching Type
STR7000+SI-8020 Series
qSTR7000+SI-8020 Series
Unit
V
W
°C
°C
Symbol
VIN
PD
TOP
TStg
VO (V)
IO (A)
6
12
Paraneter
DC Input Voltage
Power Dissipation
Operating Temperature
Storage Temperature
Unit
V
V
V
A
W
W
°C/W
°C
°C
°C
Symbol
V4-1
V4-5
V1-2
IC
PD1
PD2
Rth(j-c)
Tj
TOP
TStg
Parameter
Power Transistor Breakdown Voltage
Drive Transistor Breakdown Voltage
Diode Breakdown Voltage
Collector Current
Power Dissipation
Power Transistor Thermal Resistance
Power Transistor Junction Temperature
Operating Temperature
Storage Temperature
Ratings
55
1
–20 to +85
–20 to +100
Ratings
STR7000 Series
STR7100 Series
60
60
60
6(peak 7.5)
12(peak 15)
100(TC=25
°C)
125(TC=25
°C)
4.3(Without heatsink)
1.25
1.0
+150
–30 to +125(TC)
–30 to +125
512
15
24
STR7001+SI-8020
STR7002+SI-8021
STR7002+SI-8022
STR7003+SI-8023
STR7101+SI-8020
STR7102+SI-8021
STR7102+SI-8022
STR7103+SI-8023


Similar Part No. - STR7100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
Evaluation Board for STR71xF
04-Oct-2005
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR710FR2XX STMICROELECTRONICS-STR710FR2XX Datasheet
1Mb / 77P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
20-Mar-2007
STR710FZ1 STMICROELECTRONICS-STR710FZ1 Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR710FZ1 STMICROELECTRONICS-STR710FZ1 Datasheet
1Mb / 78P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
13-Feb-2008
More results

Similar Description - STR7100

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
Surface-mount and Separate Excitation Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
Surface-Mount, Separate Excitation Switching Type
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
Full-Mold, Separate Excitation Switching Type
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
Separate Excitation Switching Type with Coil
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
Separate Excitation Switching Type with Transformer
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
Full-Mold, Separate Excitation Switching Type
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
Compact, Separate Excitation Step-down Switching Mode
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
Compact, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com