Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR7101 Datasheet(PDF) 3 Page - Sanken electric

Part # STR7101
Description  Separate Excitation Switching Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR7101 Datasheet(HTML) 3 Page - Sanken electric

  STR7101 Datasheet HTML 1Page - Sanken electric STR7101 Datasheet HTML 2Page - Sanken electric STR7101 Datasheet HTML 3Page - Sanken electric STR7101 Datasheet HTML 4Page - Sanken electric STR7101 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
88
sOutline Drawing
q SWOUT(backside of case)
w Fly Wheel(ground)
e Drive
r VIN
t GND
Plastic Mold Package
Flammability: UL94V-0
Weight: Approx. 14.5g
Plastic Mold Package
(powder coating)
Weight: Approx. 3.4g
STR7000/7100 Series
SI-8020 Series
sBlock Diagram
STR7000/7100 Series
SI-8020 Series
VIN
DRIVE
GND
F.WHEEL
SW.OUT
4
3
52
1
VIN 10
7 VREF
5 DRIVE
1 GND
2 VO ADJ
3VO.SENSE
6
8
4
COMPENSATION. B
COMPENSATION. A
CURR.SENSE
OSC.OUT SHUT DOWN
PWM COMP
VO AMP
IO AMP
VOLTAGE
REFERENCE
and
REGULATOR
9
+
–
+
–
+
–
DEAD TIME
CONTROLLED
RAMP
GENERATOR
qSTR7000+SI-8020 Series
(unit: mm)
36.0
±0.3
2.0
±0.2
24.4
±0.2
5.45
×4
2.0
3.0
3.5
5.45
1.0
+0.2
–0.1
0.6
+0.2
–0.1
6.0max.
qw
e
r
t
Lot Number
Part Number
6max.
30max.
1 Pin
DOT
0.27
±0.05
0.5
±0.05
2.54
±0.1
7max.
1
2
3
456
789 10
Part Number
Lot Number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com