Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4485 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4485
Description  Low-Frequency Power Amp Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4485 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4485 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4485 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4485 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4485 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
83098HA (KT)/5249MO, TS No.3025-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP/NPN Epitaxial Planar Silicon Transistors
Low-Frequency Power Amplifier Applications
Ordering number:EN3025
2SA1705/2SC4485
( ) : 2SA1705
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2064
[2SA1705/2SC4485]
Applications
· Voltage regulators, relay drivers, lamp drivers.
Features
· Adoption of FBET process.
· Fast switching speed.
E : Emitter
C : Collector
B : Base
SANYO : NMP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
6
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
1
)
–
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
2
)
–
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
9
.
0W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
5
)
–
(
=
E 0
=0
0
1
)
–
(A
n
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
–
(
=
C 0
=0
0
1
)
–
(A
n
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F 1V E
C
I
,
V
2
)
–
(
=
C
A
m
0
0
1
)
–
(
=
*
0
0
1*
0
0
4
h E
F 2V E
C
I
,
V
2
)
–
(
=
C
A
1
)
–
(
=0
3
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
)
–
(
=
C
A
m
0
5
)
–
(
=0
5
1z
H
M


Similar Part No. - 2SC4485

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4480 SANYO-2SC4480 Datasheet
85Kb / 3P
High-Frequency General-Purpose Amp, General Driver Applications????????????
2SC4481 SANYO-2SC4481 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SC4482 SANYO-2SC4482 Datasheet
84Kb / 3P
High-Current Switching Applications
logo
ON Semiconductor
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SC4482T-AN ONSEMI-2SC4482T-AN Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
More results

Similar Description - 2SC4485

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1122 SANYO-2SB1122 Datasheet
117Kb / 4P
Low-Frequency Power Amp Applications?
2SB560 SANYO-2SB560 Datasheet
405Kb / 5P
Low-Frequency Power Amp Applications
2SD2028 SANYO-2SD2028 Datasheet
83Kb / 3P
Low-Frequency Power Amp Applications
2SK304 SANYO-2SK304 Datasheet
70Kb / 3P
Low-Frequency Amp Applications?
FC12 SANYO-FC12 Datasheet
153Kb / 5P
High-Frequency Amp, AM Applications, Low-Frequency Amp
FC18 SANYO-FC18 Datasheet
146Kb / 5P
High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
logo
List of Unclassifed Man...
2SB511 ETC-2SB511 Datasheet
48Kb / 1P
LOW FREQUENCY POWER AMP APPLICATIONS
2SA984K ETC-2SA984K Datasheet
42Kb / 1P
LOW FREQUENCY POWER AMP APPLICATIONS
logo
Sanyo Semicon Device
2SD1912 SANYO-2SD1912 Datasheet
701Kb / 8P
LOW FREQUENCY POWER AMP APPLICATIONS
2SD331 SANYO-2SD331 Datasheet
740Kb / 9P
Low Frequency Power Amp Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com