Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878330833 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0878330833
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 8 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878330833 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0878330833 Datasheet HTML 1Page - Molex Electronics Ltd. 0878330833 Datasheet HTML 2Page - Molex Electronics Ltd. 0878330833 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
11
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
265
Material Info
Reference - Drawing Numbers
Product Specification
PS-87831-027
Sales Drawing
SD-87833-037
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com