Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4976 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4976
Description  High-Definition CRT Display Video Output Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4976 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4976 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4976 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1875 / 2SC4976
No.5507-1/5
Features
•
High fT : fT=400MHz(typ).
•
High breakdown voltage : VCEO≥200V(min).
•
Large current capacitance.
•
Small reverse transfer capacitance and excellent high
-frequency characteristic :
Cre=3.4pF(NPN), 4.2pF(PNP).
•
Adoption of FBET process.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN5507B
2SA1875 / 2SC4976
High-Definition CRT Display
Video Output Applications
52101 TS IM TA-9766
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP / NPN Epitaxial Planar Silicon Transistors
Package Dimensions
unit : mm
2045B
unit : mm
2044B
[2SA1875 / 2SC4976]
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
5.0
6.5
0.85
0.7
0.6
0.5
1.2
2.3
0.5
1
23
4
2.3
2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
6.5
2.3
0.5
5.0
0.85
0.5
1.2
0 to 0.2
2.3
2.3
0.6
12
4
3
[2SA1875 / 2SC4976]


Similar Part No. - 2SC4976

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4976-D KEXIN-2SC4976-D Datasheet
1Mb / 3P
NPN Transistors
2SC4976-E KEXIN-2SC4976-E Datasheet
1Mb / 3P
NPN Transistors
2SC4976-F KEXIN-2SC4976-F Datasheet
1Mb / 3P
NPN Transistors
2SC4976 KEXIN-2SC4976_15 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC4976

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1479 SANYO-2SA1479 Datasheet
135Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1536 SANYO-2SA1536 Datasheet
114Kb / 4P
High-Definition CRT Display, Video Output Applications????
2SA1539 SANYO-2SA1539 Datasheet
114Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1541 SANYO-2SA1541 Datasheet
104Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1697 SANYO-2SA1697 Datasheet
105Kb / 4P
High-Definition CRT Display, Video Output Applications??????
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1749 SANYO-2SA1749 Datasheet
120Kb / 4P
High-Definition CRT Display Video Output Applications???????
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com