Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2011 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA2011
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2011 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA2011 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2011 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2011 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2011 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2011 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2011/2SC5564
No.6305–4/5
A S O
--10
--1.0
--0.01
--0.1
5
3
2
--1.0
--0.1
--10
2
3
25
37
25
37
IT00131
A S O
10
1.0
0.01
2
0.1
7
5
3
2
1.0
0.1
10
25
37
IT00132
10ms
f T -- IC
7
3
100
2
5
7
3
2
5
10
1.0
7
3
2
5
1000
--0.01
25
7
3
--0.1
25
7
3
--1.0
25
7
3
--10
IT00129
2SA2011
VCE=--2V
f T -- IC
7
3
100
2
5
7
3
2
5
10
1.0
7
3
2
5
1000
0.01
25
7
3
0.1
25
7
3
1.0
25
7
3
10
IT00130
2SC5564
VCE=2V
Cob -- VCB
7
5
3
2
1.0
10
7
5
3
2
100
--1.0
23
5
7
--10
2
IT00127
2SA2011
f=1MHz
Cob -- VCB
7
5
3
2
1.0
10
7
5
3
2
100
1.0
23
5
7
10
2
IT00128
2SC5564
f=1MHz
0
2.0
1.5
1.3
1.0
0.5
20
060
40
80
100
140
120
160
PC -- Ta
IT00133
2SA2011 / 2SC5564
4.0
0
3.5
3.0
2.0
1.5
1.0
0.5
2.5
20
060
40
80
100
140
120
160
PC -- Tc
IT01536
2SA2011 / 2SC5564
ICP
IC
2SA2011
Tc=25
°C
Single pulse
DC
operation
100ms
1ms
10ms
100
µ
s
7
5
3
2
7
5
3
2
7
2
1ms
7
5
3
2
7
5
3
2
100ms
25
37
2
DC
operation
2SC5564
Tc=25
°C
Single pulse
ICP
IC
Collector Current, IC –A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Ambient Temperature, Ta – ˚C
Case Temperature, Tc – ˚C
Mounted
on
a ceramic
board
(250mm
2
×0.8mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com