Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5310 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5310
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5310 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5310 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5310 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5310 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5310 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1973/2SC5310
No.5613–3/4
VCE(sat) -- IC
--0.01
23
5
7
7
--0.1
23
2
3
57 --1.0
--100
7
5
3
2
--1000
7
5
3
2
7
--10
--2
5°C
Ta=
75°
C
--25
°C
Ta=75
°C
VCE(sat) -- IC
ITR08244
ITR08245
2SC5310
IC / IB=20
Pulse
2SA1973
IC / IB=20
Pulse
Cob -- VCB
ITR08243
2SA1973
VCE=--10V
Pulse
Cob -- VCB
3
2
7
5
100
10
3
2
7
5
10
100
--1.0
37
73
2
--10
2
55
1.0
37
73
2
10
2
55
ITR08242
f T -- IC
100
10
7
5
1000
7
5
3
2
3
2
25
3
--10
7
--100
25
37 --1000
25
3
10
7
100
25
37
1000
100
10
7
5
3
2
1000
7
5
3
2
ITR08240
2SC5310
VCE=10V
Pulse
2SA1973
f=1MHz
2SC5310
f=1MHz
ITR08241
f T -- IC
25°
C
0.01
23
5
7
7
0.1
23
2
3
57 1.0
100
7
5
3
2
5
3
2
7
10
25°
C
Ta=75
°C
--25
°C
hFE -- IC
2SA1973
VCE=--2V
Pulse
ITR08238
100
7
7
5
5
3
2
1000
73
--0.01
7
3
22
5
--0.1
7
3
25
--1.0
73
0.01
7
3
22
5
0.1
7
3
25
1.0
Ta=75°C
--25°C
100
7
5
5
3
2
hFE -- IC
25°C
2SC5310
VCE=2V
Pulse
ITR08239
25
°C
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com