Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5669 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5669
Description  230V / 15A, AF100W Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5669 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5669 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2031 / 2SC5669
No.6586-1/4
Features
•
Large current capacitance.
•
Wide ASO and high durability against breakdown.
•
Adoption of MBIT process.
Specifications
Note*( ) : 2SA2031
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(
−)250
V
Collector-to-Emitter Voltage
VCEO
(
−)230
V
Emitter-to-Base Voltage
VEBO
(
−)6
V
Collector Current
IC
(
−)15
A
Collector Current (Pulse)
ICP
(
−)30
A
Collector Dissipation
PC
2.5
W
Tc=25
°C
140
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)250V, IE=0
(--)0.1
mA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)0.1
mA
DC Current Gain
hFE(1)
VCE=(--)5V, IC=(--)1A
60
160
hFE(2)
VCE=(--)5V, IC=(--)7.5A
35
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6586
2SA2031 / 2SC5669
230V / 15A, AF100W Output Applications
Package Dimensions
unit : mm
2022A
[2SA2031 / 2SC5669]
61500 TS IM TA-2927
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PB
15.6
14.0
1.6
1.0
2.0
0.6
3.2
4.8
2.0
0.6
5.45
5.45
1
2
3
PNP Epitaxial Planar Silicon Transistor
NPN Triple Diffused Planar Silicon Transistor


Similar Part No. - 2SC5669

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC5669 SAVANTIC-2SC5669 Datasheet
171Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5669 JMNIC-2SC5669 Datasheet
184Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5669 ISC-2SC5669 Datasheet
155Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5669 SAVANTIC-2SC5669 Datasheet
173Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5669 JMNIC-2SC5669 Datasheet
184Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC5669

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1553 MOSPEC-2SA1553 Datasheet
119Kb / 3P
POWER TRANSISTORS(15A,230V,150W)
2SC4029 MOSPEC-2SC4029 Datasheet
135Kb / 3P
POWER TRANSISTOR(15A,230V,150W)
logo
Sanyo Semicon Device
2SA1292 SANYO-2SA1292 Datasheet
100Kb / 4P
60V/15A High-Speed Switching Applications
2SB829 SANYO-2SB829 Datasheet
107Kb / 3P
50V/15A Switching Applications
2SC4119 SANYO-2SC4119 Datasheet
84Kb / 3P
800V/15A Driver Applications
logo
List of Unclassifed Man...
HEC50 ETC-HEC50 Datasheet
122Kb / 2P
SINGLE OUTPUT UP TO 15A
logo
Sanyo Semicon Device
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
50V / 15A High-Speed Switching Applications
2SA2221 SANYO-2SA2221 Datasheet
317Kb / 4P
230V / 15A, AF100W Output Applications
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
Silicon PNP triple diffusion planar transistor -15A/-230V/150W
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
Silicon NPN triple diffusion planar transistor 15A/230V/150W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com