Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4030 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4030
Description  900V/50mA Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4030 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4030 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4030 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4030 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4030 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
900V/50mA Switching Applications
Ordering number:EN2477B
2SC4030
D1598HA (KT)/D051MH (KOTO) No.2477–1/4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2049C
[2SC4030]
Features
· High breakdown voltage (VCEO min=900V).
· Small Output Capacitance (Cob typ=2.0pF).
· Wide ASO (adoption of MBIT process).
· High reliability (adoption of HVP process).
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220MF
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
7
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
9V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
5A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
5
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
5
6
.
1W
2
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Tc=25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
0
9
=
E 0
=1
A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=1
A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
2
=
0
20
50
2
1
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
2
=
6z
H
M
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
m
5
=
B
A
m
1
=
5V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
m
5
=
B
A
m
1
=2
V
10.2
0.8
1.2
4.5
1.3
0.4
2.55
2.55
12
3


Similar Part No. - 2SC4030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4031 SANYO-2SC4031 Datasheet
87Kb / 3P
900V/20mA Switching Applications
logo
Rohm
2SC4032 ROHM-2SC4032 Datasheet
217Kb / 3P
High Gain Amp. & Switching Epitaxial Planar NPN Silicon Darlington Transistors
2SC4036 ROHM-2SC4036 Datasheet
207Kb / 3P
High Voltage Amp. Triple Diffused Planar NPN Silicon Transistors
2SC4037 ROHM-2SC4037 Datasheet
311Kb / 4P
Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
2SC4038 ROHM-2SC4038 Datasheet
309Kb / 4P
General Small Signal Amp. Epitaxial Planar NPN Silicon Transistors
More results

Similar Description - 2SC4030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4031 SANYO-2SC4031 Datasheet
87Kb / 3P
900V/20mA Switching Applications
2SC4578 SANYO-2SC4578 Datasheet
89Kb / 3P
NPN Triple Diffused(for 900V/50mA Switching)
2SC4579 SANYO-2SC4579 Datasheet
89Kb / 3P
900V/20mA Switching Applications
2SC3675 SANYO-2SC3675 Datasheet
97Kb / 3P
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
2SC4630LS SANYO-2SC4630LS Datasheet
27Kb / 3P
900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4631LS SANYO-2SC4631LS Datasheet
28Kb / 3P
900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4774 ROHM-2SC4774_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
logo
Monolithic Power System...
HF900 MPS-HF900 Datasheet
790Kb / 25P
900V Offline Switching Regulator
MP110 MPS-MP110 Datasheet
2Mb / 23P
900V Offline Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com