Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT09VG Datasheet(PDF) 1 Page - BeRex Corporation

Part # BT09VG
Description  5-4000 MHz Wideband Medium Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT09VG Datasheet(HTML) 1 Page - BeRex Corporation

  BT09VG Datasheet HTML 1Page - BeRex Corporation BT09VG Datasheet HTML 2Page - BeRex Corporation BT09VG Datasheet HTML 3Page - BeRex Corporation BT09VG Datasheet HTML 4Page - BeRex Corporation BT09VG Datasheet HTML 5Page - BeRex Corporation BT09VG Datasheet HTML 6Page - BeRex Corporation BT09VG Datasheet HTML 7Page - BeRex Corporation BT09VG Datasheet HTML 8Page - BeRex Corporation BT09VG Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BeRex
BT09VG
http: //www.berex.com
5-4000 MHz Wideband Medium Power Amplifier
Device Features
 41dBm OIP3 at 13dBm/tone at 1900MHz
 22.0 dB Gain at 900MHz
 27dBm P1dB at 2450MHz
 Highly Reliable InGaP/GaAs HBT Technology
 Lead-free/Green/RoHS compliant SOT-89 package
Application: commercial, space, military wireless system
Electrical Specifications (Ta = 25C, Vs = 5.0V)
Parameters
Test Conditions
Min
Typ
Max
Unit
Frequency Range
5
4000
MHz
Gain
900MHz
1900MHz
2450MHz
3500MHz
20.5
14.5
12.5
9.8
21.5
15.5
13.5
10.8
22.5
16.5
14.5
11.8
dB
S11
900MHz
1900MHz
2450MHz
3500MHz
-16
-30
-14
-15
dB
S22
900MHz
1900MHz
2450MHz
3500MHz
-24
-19
-19
-14
dB
OIP3
900MHz
1900MHz
2450MHz
3500MHz
37.0
39.0
39.0
40.0
39.0
41.0
41.0
42.0
dBm
P1dB
900MHz
1900MHz
2450MHz
3500MHz
23.5
24.5
26.0
24.0
24.5
25.5
27.0
25.0
dBm
IS-95 CH Power
@-45dBc ACPR
900MHz
1900MHz
18.0
18.5
dBm
NF
900MHz
1900MHz
3.7
4.0
dB
Ic
Vc = 5.0V
140
160
180
mA
Vc
5.0
V
Rth
Thermal Resistance
50
C/W
Test conditions unless otherwise noted.
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system
2.
OIP3 measured with two tones at an output power of 13dBm separated by 1MHz.


Similar Part No. - BT09VG

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT09VG BEREX-BT09VG Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
BT09VG BEREX-BT09VG Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
BT09VG BEREX-BT09VG Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
BT09VG BEREX-BT09VG_1 Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
BT09VG BEREX-BT09VG_16 Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
More results

Similar Description - BT09VG

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05AG BEREX-BT05AG Datasheet
669Kb / 13P
5-4000 MHz Wideband Drive Amplifier
BT09AG BEREX-BT09AG Datasheet
758Kb / 14P
5-4000 MHz Wideband Medium Power Amplifier
BT09AG BEREX-BT09AG_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Medium Power Amplifier
BT09VG BEREX-BT09VG_1 Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
BT09E BEREX-BT09E Datasheet
1Mb / 20P
500-4000 MHz Wideband Medium Power Amplifier
BT09AG BEREX-BT09AG_16 Datasheet
2Mb / 16P
5-4000 MHz Wideband Medium Power Amplifier
BT09VG BEREX-BT09VG_16 Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
BT09AG BEREX-BT09AG_18 Datasheet
1Mb / 16P
5-4000 MHz Wideband Medium Power Amplifier
BT09VG BEREX-BT09VG_18 Datasheet
1Mb / 17P
5-4000 MHz Wideband Medium Power Amplifier
BT09E BEREX-BT09E_18 Datasheet
1Mb / 20P
500-4000 MHz Wideband Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com